Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4538 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4538
Description  Power consumption optimization with STM32F3xx microcontrollers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4538 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4538 Datasheet HTML 8Page - STMicroelectronics AN4538 Datasheet HTML 9Page - STMicroelectronics AN4538 Datasheet HTML 10Page - STMicroelectronics AN4538 Datasheet HTML 11Page - STMicroelectronics AN4538 Datasheet HTML 12Page - STMicroelectronics AN4538 Datasheet HTML 13Page - STMicroelectronics AN4538 Datasheet HTML 14Page - STMicroelectronics AN4538 Datasheet HTML 15Page - STMicroelectronics AN4538 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
STM32F3xx microcontroller low-power application example
AN4538
12/25
DocID026505 Rev 1
2
STM32F3xx microcontroller low-power application
example
This section describes a real use case with STM32F3xx microcontrollers and focuses on the
power saving techniques used to reduce the consumption of this application.
2.1
Application description
The application is designed as a smart motor monitor and control with the integration of
different low-power modes and features. It communicates messages to the user about the
different application steps and the log time profile.
2.1.1
Functional overview
The application is designed using the NUCLEO-F302R8 board based on a STM32F302x8
device.
The main features of this application are:
•
The use of multiple peripherals: USART, DMA, Timer, COMP, DAC, RTC
•
The use of multiple low-power modes: Sleep, Stop, Standby
•
The real-time log data: RTC calendar (LSE)
The following figure gives an overview of the application ecosystem.
Figure 3. Application synoptic
The application starts when the NUCLEO-F302R8 is powered on. Once the user has
pushed the button or the defined RTC time has elapsed, the user has to choose the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com