Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4538 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4538
Description  Power consumption optimization with STM32F3xx microcontrollers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4538 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4538 Datasheet HTML 14Page - STMicroelectronics AN4538 Datasheet HTML 15Page - STMicroelectronics AN4538 Datasheet HTML 16Page - STMicroelectronics AN4538 Datasheet HTML 17Page - STMicroelectronics AN4538 Datasheet HTML 18Page - STMicroelectronics AN4538 Datasheet HTML 19Page - STMicroelectronics AN4538 Datasheet HTML 20Page - STMicroelectronics AN4538 Datasheet HTML 21Page - STMicroelectronics AN4538 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
STM32F3xx microcontroller low-power application example
AN4538
18/25
DocID026505 Rev 1
2.2.2
Peripherals configuration
•
Timer1
–
TIM1_output: pin PA8.
–
APB2 Prescaler = 1 (8 MHz)
–
Period = 1/20 KHz
–
Pulse = 50% of Period
–
OCref_clr is enabled to disable the PWM generation when high level is detected.
•
UART1
–
USART1_Tx (PA9), USART1_Rx (PA10)
–
Baud Rate: 115200 bps
–
Word length: 8 bits
–
Stop bits: 1
–
Hardware flow control and parity: none
–
UART wakeup from Stop mode: EXTI line 25
Note:
The virtual comport is connected to the USART2 in the NUCLEO-F302R8 board. Use
USART1 in the software to support the «USART wakeup from stop feature». USART2 pins
should be connected to USAR1 pins. The virtual comport software should be downloaded.
•
COMP2
–
COMP2 non inverting input (COMP2_INP): pin PA7
–
COMP2 inverting input (COMP2_INM): VREFINT or DAC1_OUT1
–
COMP outputs: TIM1_OCref_clr / COMP_OUT: pin PA12
–
COMP wakeup from Sleep mode: EXTI line 22
•
RTC
–
Clock source: LSE
–
RTC_ASYNCH_PREDIV: 0x7F
–
RTC_SYNCH_PREDIV: 0x00FF
–
RTC_OUTPUT: disable
–
Calendar: format12, hour, minute, second
–
RTC wakeup: EXTI line 20 to wake up from standby.
•
DAC
–
Channel: 1
–
Data alignment: 12 bit data alignment.
–
Data: 2500 (by default), it can be modified by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com