Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4538 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4538
Description  Power consumption optimization with STM32F3xx microcontrollers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4538 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4538 Datasheet HTML 15Page - STMicroelectronics AN4538 Datasheet HTML 16Page - STMicroelectronics AN4538 Datasheet HTML 17Page - STMicroelectronics AN4538 Datasheet HTML 18Page - STMicroelectronics AN4538 Datasheet HTML 19Page - STMicroelectronics AN4538 Datasheet HTML 20Page - STMicroelectronics AN4538 Datasheet HTML 21Page - STMicroelectronics AN4538 Datasheet HTML 22Page - STMicroelectronics AN4538 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
DocID026505 Rev 1
19/25
AN4538
STM32F3xx microcontroller low-power application example
24
2.3
How to use the application
This section describes how to prepare the NUCLEO-F302R8 board to be used for the
application as well as the steps performed to run correctly the application.
2.3.1
Environment setup
First read the «getting started» of the NUCLEO-F302R8 board user manual UM1724 to
prepare the NUCLEO-F302R8 board for a correct use.
The version of the NUCLEO-F302R8 board to be used is MB1136-C 02 (with on-board
32kHz oscillator).
The user needs to know about the hardware connections and modifications that must be
done before running the application.
•
NUCLEO-F302R8 board modifications
–
SB62 and SB63 solder-bridges ON
Note:
For more details about LSE please refer to the user manual of STM32 Nucleo board
«UM1724».
•
NUCLEO-F302R8 board connections
–
Connect the JP5 jumper between pin 2 and pin 3 (U5V) and make sure the JP1
jumper is off.
–
Connect USART2_Tx to USART1_Tx: PA2 connected to PA9
–
Connect USART2_Rx to USART1_Rx: PA3 connected to PA10
–
Connect PA0 to a button connected to VDD and GND via pull-down.
–
Connect the Idd jumper JP6 to the multimeter terminals.
•
NUCLEO-F302R8 board connections to the instruments
–
Connect the oscilloscope probe to PA8 pin.
–
Connect the DC power supply output to pin PA7 and regulate it to a voltage lower
than the comparator reference voltage (1.2 V if Vrefint selected or 2V if
DAC1_OU1 selected). Turn off the power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com