Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1542 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1542
Description  Cold thermostat kit based on AC switches and the STM8S003F3
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1542 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1542 Datasheet HTML 9Page - STMicroelectronics UM1542 Datasheet HTML 10Page - STMicroelectronics UM1542 Datasheet HTML 11Page - STMicroelectronics UM1542 Datasheet HTML 12Page - STMicroelectronics UM1542 Datasheet HTML 13Page - STMicroelectronics UM1542 Datasheet HTML 14Page - STMicroelectronics UM1542 Datasheet HTML 15Page - STMicroelectronics UM1542 Datasheet HTML 16Page - STMicroelectronics UM1542 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
UM1542
Functional description
Doc ID 023172 Rev 1
13/43
The GUI provides the following features (refer to the “Help” menu of the GUI software for
more information):
●
Slide bars to change the MCU parameters (refer to Figure 7 and 8):
–
Temperature hysteresis
–
Evaporator temperature set point for each thermostat order
–
Gate current pulse widths and delays
–
Time before defrost activation and defrost duration
–
ZVS delay (synchronization of MCU commands with the mains voltage)
●
Virtual knob to set the evaporator temperature level
●
Virtual switch (“debug active”) to force the loads to on or off states (compressor, light,
defrost, fan) for easier board validation
●
Measurement and storage of several parameters during operation (duty cycle and
running period of the compressor, evaporator temperature evolution, mains frequency
and load status).
The most recently modified variables with the GUI can be stored for operation in standby
mode.
It can be noted from Figure 2 that the part of the PCB dedicated to the PC interface is
clearly separated from that part of PCB dedicated to thermostat control in order to easily
visualize the component count dedicated only to the thermostat application.
By means of opto-couplers, safety insulation is implemented between the board and the PC
to allow communication with the GUI when the board is plugged into the line voltage. These
opto-couplers, U3, U4, and U5 are supplied from the USB connector CN1 and the DC-DC
converter J1 in order to not sink current from the capacitive power supply (Appendix B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com