Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1542 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM1542
Description  Cold thermostat kit based on AC switches and the STM8S003F3
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1542 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM1542 Datasheet HTML 28Page - STMicroelectronics UM1542 Datasheet HTML 29Page - STMicroelectronics UM1542 Datasheet HTML 30Page - STMicroelectronics UM1542 Datasheet HTML 31Page - STMicroelectronics UM1542 Datasheet HTML 32Page - STMicroelectronics UM1542 Datasheet HTML 33Page - STMicroelectronics UM1542 Datasheet HTML 34Page - STMicroelectronics UM1542 Datasheet HTML 35Page - STMicroelectronics UM1542 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Bill of materials
UM1542
32/43
Doc ID 023172 Rev 1
Appendix D
Bill of materials
Table 6.
BOM
Name
Designation
Comment
CN1
Surface-mount USB_mini-B
C1
Capacitor 10 µF 20%
C2
Capacitor 10 nF 20%
C4
Capacitor 4.7 nF 20%
C5
Capacitor 22 pF 20%
C6
Capacitor 22 pF 20%
C7
Capacitor 100 nF 20%
C8
Capacitor 10 nF 20%
C11
Capacitor 100 nF
C12
Capacitor 100 nF
C13
Capacitor 100 nF
C14
Capacitor 100 nF
C19
Capacitor 100 nF
C20
Capacitor 680 nF 20%
C21
Capacitor 1 µF 20%
C22
Capacitor 100 nF
C23
Capacitor 100 nF 16 V 20%
C24
1 nF 16 V 20%
C25
1 nF 16 V 20%
C26
Capacitor 100 nF X2 400VCC/220VCA
C27
Capacitor 2200 µF16 V 20%
C28
Capacitor 10 nF 400VCC/220VCA 10%
C29
Capacitor 1 µF X2 400VCC/220VCA 10%
C30
Capacitor 1 nF 50 V
C31
10 nF 50 V 20%
C32
10 nF 50 V 20%
C33
10 nF 50 V 20%
C34
-
Do not fit
C35
-
Do not fit
C36
1 nF 16 V 20%
C37
1 nF 16 V 20%
C38
2.2 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com