Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1542 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM1542
Description  Cold thermostat kit based on AC switches and the STM8S003F3
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1542 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM1542 Datasheet HTML 33Page - STMicroelectronics UM1542 Datasheet HTML 34Page - STMicroelectronics UM1542 Datasheet HTML 35Page - STMicroelectronics UM1542 Datasheet HTML 36Page - STMicroelectronics UM1542 Datasheet HTML 37Page - STMicroelectronics UM1542 Datasheet HTML 38Page - STMicroelectronics UM1542 Datasheet HTML 39Page - STMicroelectronics UM1542 Datasheet HTML 40Page - STMicroelectronics UM1542 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
UM1542
Procedure to apply IEC 61000-4-4 burst test
Doc ID 023172 Rev 1
37/43
The generic graph of a fast transient burst is shown in Figure 17.
Figure 17.
General graph of a fast transient/burst
The board withstands up to 4.5 kV and 4.3 kV, positive and negative pulses, respectively at
5 kHz, and up to 3.1 kV, positive and negative pulses, at 100 kHz. At higher voltages, up to
5 kV (at 5 kHz and 100 kHz) temporary disturbance of performance, which ceased after the
fast burst voltage ceased, was detected. The equipment under test recovered its normal
performance, without operator intervention, after the disturbance ceased.
Note:
Because the control firmware loaded in the STEVAL-IHT001V2 board in not optimized for
the IEC 61000-4-4 burst test, separate firmware which implements a smart reset procedure
(without GUI functions) was used to improve the immunity of the board. This firmware is
available on the CD-ROM included with the STEVAL-IHT001V2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com