Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1542 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM1542
Description  Cold thermostat kit based on AC switches and the STM8S003F3
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1542 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM1542 Datasheet HTML 35Page - STMicroelectronics UM1542 Datasheet HTML 36Page - STMicroelectronics UM1542 Datasheet HTML 37Page - STMicroelectronics UM1542 Datasheet HTML 38Page - STMicroelectronics UM1542 Datasheet HTML 39Page - STMicroelectronics UM1542 Datasheet HTML 40Page - STMicroelectronics UM1542 Datasheet HTML 41Page - STMicroelectronics UM1542 Datasheet HTML 42Page - STMicroelectronics UM1542 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
UM1542
Capacitor value according to country
Doc ID 023172 Rev 1
41/43
Appendix H
Capacitor value according to country
Table 9 indicates the capacitor value for a 30 mA average current for typical application case
(nominal capacitor value, nominal RMS line voltage) versus different AC mains and
frequency values used in different countries.
Moreover, the typical and minimal (nominal capacitor value -10%, minimum RMS line
voltage) output DC current capabilities are included for information.
Table 9.
C29 capacitor value according to the country
Country
Typical RMS
voltage
Minimum
RMS voltage
Frequency
C29
capacitor
Output DC current
for typical
application
conditions
Min. output DC current
capabilities for worst
application case
Japan
100 V
90 V
50/60 Hz
2.2 µF
31.1 mA
25.2 mA
USA
120 V
100
60 Hz
1.5 µF
30.5 mA
22.9 mA
Brazil,
Mexico
120 V to
240 V
102 V to
204 V
50/60 Hz
2.2 µF
37.3 mA
28.5 mA
Europe,
China,
Korea,
Australia
220 V to
240 V
187 V to
204 V
50/60 Hz
1 µF
31.1 mA
23.8 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com