Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1542 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1542
Description  Cold thermostat kit based on AC switches and the STM8S003F3
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1542 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1542 Datasheet HTML 18Page - STMicroelectronics UM1542 Datasheet HTML 19Page - STMicroelectronics UM1542 Datasheet HTML 20Page - STMicroelectronics UM1542 Datasheet HTML 21Page - STMicroelectronics UM1542 Datasheet HTML 22Page - STMicroelectronics UM1542 Datasheet HTML 23Page - STMicroelectronics UM1542 Datasheet HTML 24Page - STMicroelectronics UM1542 Datasheet HTML 25Page - STMicroelectronics UM1542 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
Using the STEVAL-IHT001V2 thermostat kit
UM1542
22/43
Doc ID 023172 Rev 1
3.6.3
Force debug
A “force debug” is used to force the AC load state to the control state as defined by the MCU
for easier board validation (Figure 9). In order to control the AC loads, it is necessary to click
on the “Debug Active” button in the “Debug Mode” frame. In this case, the green lights of the
AC load buttons are on if the associated loads are also on. Otherwise, the user can pre-
select the load to be switched on, before clicking on the “Debug Active” push button, in
which case the buttons corresponding to the pre-selected load become yellow, but this has
no effect until the “Debug Active” button is pushed.
If the debug mode is active (“Debug” push button is lit), then:
●
Clicking on the “Compressor/Fan” button turns on Q1 and Q3, i.e. the compressor and
fan.
●
Clicking on the “Light Bulb” button turns on Q4, and then the bulb lights up.
●
Clicking on the “Defrost” button turns on Q2, and then the defrost resistor starts to heat.
Note:
The defrost and compressor loads cannot be switched on at the same time. Setting defrost
resets compressor, and vice-versa.
The light bulb and fan cannot be switched on at the same time. The fan switches off as soon
as the light bulb switches on.
In order to go back to the “normal” mode, the user must click on the “Debug” button. In this
case, all the virtual button green lights turn off.
Figure 9.
GUI - debug mode frame
3.6.4
Parameter measurements
The GUI is able to get and display the different parameters from the MCU, like the
temperature order, the evaporator temperature, the AC load state, the compressor cycle
information (running period and duty cycle) and the mains frequency.
For more information refer to the “Help” menu of GUI software.
To enable real-time data acquisition, the user must push on the “Start Acquisition” button
(refer to the “Help” menu of the GUI software for more information). The sampling frequency
can be set in the “Options” window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com