Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1695 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1695
Description  This document provides a detailed description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1695 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1695 Datasheet HTML 24Page - STMicroelectronics UM1695 Datasheet HTML 25Page - STMicroelectronics UM1695 Datasheet HTML 26Page - STMicroelectronics UM1695 Datasheet HTML 27Page - STMicroelectronics UM1695 Datasheet HTML 28Page - STMicroelectronics UM1695 Datasheet HTML 29Page - STMicroelectronics UM1695 Datasheet HTML 30Page - STMicroelectronics UM1695 Datasheet HTML 31Page - STMicroelectronics UM1695 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Command reference
UM1695
28/46
DocID025531 Rev 5
Example:
AT+S.HTTPD=0<CR>
<CR><LF>
OK<CR><LF>
2.40
AT+S.SCAN: perform site survey (scan)
AT+S.SCAN performs an immediate scan for available networks. Infrastructure (AP) and
IBSS(Ad-Hoc) networks are both reported. Network type, Channel, BSSID, SSID, Signal
strength (RSSI), and 802.11 capabilities are all reported. The module supports the
active/passive scan and the filtered/unfiltered scan. Default is active and filtered.
Note:
The automatic scan, performed by the module to connect to the Access Point, is passive by
default. This is done to avoid violating spectral emission. The switch to active scan only
happens when the module finds an AP advertising the country IE. Therefore, the current
scan policy is not compatible with band-steering mode.
Arguments:
<a|p>: Perform an active scan (a) or a passive scan (p)
<r>:
duplicated networks are displayed (unfiltered)
Example:
AT+S.SCAN<cr>
1:<HT> BSS 00:18:74:D3:53:C0 CHAN: 01 RSSI: -85 SSID: 'Ambu2' CAPS: 0431
WPA2 <CR><LF>
2:<HT> BSS 00:18:74:D3:53:C3 CHAN: 01 RSSI: -85 SSID: 'PAWAM' CAPS: 0431 WPA
<CR><LF>
3:<HT> BSS 00:18:74:D3:53:C1 CHAN: 01 RSSI: -85 SSID: 'AmbuM' CAPS: 0431
WPA2 <CR><LF>
4:<HT> BSS 00:18:74:D3:53:C2 CHAN: 01 RSSI: -84 SSID: 'Guest' CAPS: 0421
<CR><LF>
5:<HT> BSS C8:D3:A3:15:98:14 CHAN: 05 RSSI: -79 SSID: 'AmbuITguest' CAPS:
0431 WPA WPA2 WPS <CR><LF>
6:<HT> BSS 02:62:1F:51:8F:0B CHAN: 06 RSSI: -41 SSID: 'ciscosb2' CAPS: 0411
WPA WPA2 <CR><LF>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com