Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1695 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1695
Description  This document provides a detailed description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1695 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1695 Datasheet HTML 25Page - STMicroelectronics UM1695 Datasheet HTML 26Page - STMicroelectronics UM1695 Datasheet HTML 27Page - STMicroelectronics UM1695 Datasheet HTML 28Page - STMicroelectronics UM1695 Datasheet HTML 29Page - STMicroelectronics UM1695 Datasheet HTML 30Page - STMicroelectronics UM1695 Datasheet HTML 31Page - STMicroelectronics UM1695 Datasheet HTML 32Page - STMicroelectronics UM1695 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
DocID025531 Rev 5
29/46
UM1695
Command reference
46
7:<HT> BSS 00:18:0A:31:EA:78 CHAN: 11 RSSI: -89 SSID: 'ZyckoItalyWiFi'
CAPS: 0531 WPA WPA2 <CR><LF>
8:<HT> BSS 00:1F:33:FE:66:17 CHAN: 11 RSSI: -91 SSID: 'TRI_AGRATE' CAPS:
0411 WPA2 <CR><LF>
<CR><LF>
OK<CR><LF>
AT+S.SCAN=a,r<cr>
1:<HT> BSS 00:18:74:D3:53:C0 CHAN: 01 RSSI: -81 SSID: 'Ambu2' CAPS: 0431
WPA2 <CR><LF>
2:<HT> BSS 00:18:74:D3:53:C1 CHAN: 01 RSSI: -80 SSID: 'AmbuM' CAPS: 0431
WPA2 <CR><LF>
3:<HT> BSS 00:18:74:D3:53:C2 CHAN: 01 RSSI: -81 SSID: 'Guest' CAPS: 0421
<CR><LF>
4:<HT> BSS 00:18:74:D3:53:C3 CHAN: 01 RSSI: -81 SSID: 'PAWAM' CAPS: 0431 WPA
<CR><LF>
5:<HT> BSS 00:18:74:D3:53:C1 CHAN: 01 RSSI: -81 SSID: 'AmbuM' CAPS: 0431
WPA2 <CR><LF>
6:<HT> BSS 00:18:74:D3:53:C0 CHAN: 01 RSSI: -81 SSID: 'Ambu2' CAPS: 0431
WPA2 <CR><LF>
7:<HT> BSS 00:18:74:D3:53:C3 CHAN: 01 RSSI: -80 SSID: 'PAWAM' CAPS: 0431 WPA
<CR><LF>
8:<HT> BSS 00:18:74:D3:53:C1 CHAN: 01 RSSI: -81 SSID: 'AmbuM' CAPS: 0431
WPA2 <CR><LF>
9:<HT> BSS C8:D3:A3:15:98:14 CHAN: 05 RSSI: -79 SSID: 'AmbuITguest' CAPS:
0431 WPA WPA2 WPS <CR><LF>
10:<HT> BSS 02:62:1F:51:8F:0B CHAN: 06 RSSI: -39 SSID: 'ciscosb2' CAPS:
0411 WPA WPA2 <CR><LF>
11:<HT> BSS 02:62:1F:51:8F:0B CHAN: 06 RSSI: -45 SSID: 'ciscosb2' CAPS:
0411 WPA WPA2 <CR><LF>
12:<HT> BSS 00:1F:33:FE:66:17 CHAN: 11 RSSI: -91 SSID: 'TRI_AGRATE' CAPS:
0411 WPA2 <CR><LF>
<CR><LF>
OK<CR><LF>
2.41
AT+S.ADC: Read ADC value on GPIO8
AT+S.ADC returns ADC value on GPIO8, between 0 and 2500 mV.
Note:
Measurement accuracy is around 10 mV
Arguments:
<raw>: returns raw ADC value on GPIO8 unprocessed (between 0 and 4096). This
argument is optional and when it is not specified the value is returned
processed (between 0 and 2500 mV)
2.42
AT+S.DAC: enable/disable DAC on GPIO15
The DAC command enables DAC on GPIO15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com