Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1695 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM1695
Description  This document provides a detailed description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1695 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM1695 Datasheet HTML 33Page - STMicroelectronics UM1695 Datasheet HTML 34Page - STMicroelectronics UM1695 Datasheet HTML 35Page - STMicroelectronics UM1695 Datasheet HTML 36Page - STMicroelectronics UM1695 Datasheet HTML 37Page - STMicroelectronics UM1695 Datasheet HTML 38Page - STMicroelectronics UM1695 Datasheet HTML 39Page - STMicroelectronics UM1695 Datasheet HTML 40Page - STMicroelectronics UM1695 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
DocID025531 Rev 5
37/46
UM1695
Configuration variable reference
46
ip_dns
192.168.0.1
IP
IP DNS server for static
usage (DHCP off)
ip_http_get_recv_timeo
ut
1000
INT
HTTP_GET connection
timeout in milliseconds
ip_wait_timeout
12000
INT
Amount of time in
time_wait state
ip_dhcp_timeout
20
INT
DHCP client timeout, in
seconds
ip_sockd_timeout
250
INT
Socket server - buffer
timeout management (from
5 ms to 250 ms)
Warning: 250 ms is
suggested to avoid data
loss
Table 5. Configuration data variables (continued)
Variable
Sample value
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com