| Electronic Components Datasheet Search |
|
UM1695 Datasheet(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1695 Datasheet(HTML) 41 Page - STMicroelectronics |
|
41 / 46 page ![]() DocID025531 Rev 5 41/46 UM1695 Asynchronous indication reference 46 5 Asynchronous indication reference SPWF01SX modules can output asynchronous indications at any time except while an AT command is in progress. The format for all asynchronous indications is: <cr><lf>+WIND:<num>:<description><cr><lf> Table 8. Asynchronous indication messages Indication Notes +WIND:0:Console active Console task is running and can accept AT commands +WIND:1:Poweron ( %s ) Initial powerup indication, with f/w version +WIND:2:RESET System reset is being asserted/triggered +WIND:3:Watchdog Running Watchdog task initialized and running +WIND:4:Heap too small Selected heap allocation is too small for normal operation +WIND:5:WiFi Hardware Failure: %d WiFi Radio Failure, reset pending +WIND:6:Watchdog Terminating, reset pending Watchdog reset asserted +WIND:7:SysTickConfigure Failure to configure System Tick Clock +WIND:8:Hard Fault OS hard fault detected +WIND:9:StackOverflow OS stack overflow detected +WIND:10:MallocFailed (%d/%d) OS heap allocation failed (RequiredSize/FreeSpace) +WIND:11:<error> Radio Initialization failure +WIND:12:WiFi PS Mode Failure: %s:%d Radio Failed to enter power saving state (%s=step, %d=state) +WIND:13:<copyright information> Copyright information of SPWF01SX +WIND:14:WiFi BSS Regained Radio regained association after loss +WIND:15:WiFi Signal LOW (%d) Radio low signal threshold triggered +WIND:16:WiFi Signal OK (%d) Radio signal level recovered +WIND:17:F/W update <state> Firmware update in progress +WIND:18:Keytype %d Not implemented Encryption key type not recognized +WIND:19:WiFi Join: %m BSS join successful, %m=BSSID +WIND:20:JOINFAILED: %04x BSS join failed, %x = status code +WIND:21:WiFi Scanning Radio is scanning for a BSS that matches the currently configured SSID. (Note: WIND hidden when fast reconnect(1) is performed) +WIND:22:SCANBLEWUP Radio failed to accept scan command +WIND:23:SCANFAILED: %04x Radio failed to execute scan command +WIND:24:WiFi Up: %i Radio has successfully connected to a BSS and initialized the IP stack. %i=IP Address |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |