Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1695 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM1695
Description  This document provides a detailed description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1695 Datasheet(HTML) 4 Page - STMicroelectronics

  UM1695 Datasheet HTML 1Page - STMicroelectronics UM1695 Datasheet HTML 2Page - STMicroelectronics UM1695 Datasheet HTML 3Page - STMicroelectronics UM1695 Datasheet HTML 4Page - STMicroelectronics UM1695 Datasheet HTML 5Page - STMicroelectronics UM1695 Datasheet HTML 6Page - STMicroelectronics UM1695 Datasheet HTML 7Page - STMicroelectronics UM1695 Datasheet HTML 8Page - STMicroelectronics UM1695 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Overview
UM1695
4/46
DocID025531 Rev 5
1
Overview
The “AT full stack” command interface described in this user guide consists of a set of:
AT-style commands,
configuration variables,
status variables, and
asynchronous indications (also known as unsolicited responses or WINDs).
The communication of commands, variables, and asynchronous indications is executed via
the serial port and implies the integration of the SPWF01Sx modules with a host processor
as indicated in Figure 1.
Figure 1. SPWF01S integration with an host processor
Asynchronous indications may arrive at any time (except as noted below), and have the
format:
<cr><lf>+WIND:<number>:<descriptive string><cr><lf>
The <number> field of each asynchronous indication type is unique. The descriptive string
may be safely ignored.
Immediately after reset, no commands should be sent and only asynchronous indications
are present until the indication “<cr><lf>+WIND:0:Console active<cr><lf>” is received. After
WIND:0 is received, AT commands may be sent to the SPWF device.
AT commands are always in the form of:
AT<cmd><cr>
<zero or more response lines>
<cr><lf><responsecode><cr><lf>
The AT command line, up to the terminating <cr>, is sent from the host. The (optional)
response lines followed by <cr><lf><responsecode><cr><lf> are sent from the module.
The <response code> is one of the following:
OK
ERROR: <descriptive text>
The AT command handler allows for the AT commands to be entered in upper or lower
case.
UART
AT
commands
Conf. Variables
Status Variables
Asynchronous Indications
Host
(STM32/STM8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com