Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1770 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1770
Description  BlueNRG profile application interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1770 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1770 Datasheet HTML 9Page - STMicroelectronics UM1770 Datasheet HTML 10Page - STMicroelectronics UM1770 Datasheet HTML 11Page - STMicroelectronics UM1770 Datasheet HTML 12Page - STMicroelectronics UM1770 Datasheet HTML 13Page - STMicroelectronics UM1770 Datasheet HTML 14Page - STMicroelectronics UM1770 Datasheet HTML 15Page - STMicroelectronics UM1770 Datasheet HTML 16Page - STMicroelectronics UM1770 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
DocID026385 Rev 2
13/56
UM1770
BlueNRG profile framework
56
4.
Profile test application for profile PTS validation: profiles_test_application.c. This file
addresses the following features:
–
Set the profile security parameters and initialize the main profile by defining the
main profile callback function:
–
Initialize the selected profile (through the BLE_CURRENT_PROFILE_ROLES
definition) by calling the profile *_Init() function with the
BLE_Profiles_Evt_Notify_Cb() as one of the initialization parameters;
–
It defines the while(1) loop where the HCI_process(), Profile_Process() and
profile specific state machine (*_StateMachine()) functions are processed;
–
It allows to enter & process specific user commands (through serial I/O), in order
to interact with each profile and performs specific actions (i.e. ask to profile to
notify/indicate a characteristic). Such user input commands are used during profile
PTS validation tests. The supported user input commands are defined within the
profiles_test_application.c file.
Note:
An EWARM project defining a workspace for each supported profile and including the profile
library is available. By selecting the specific profile workspace, a profile test application
supporting the selected profile is built. This application can be used for validating the profile
using the PTS USB dongle and related Bluetooth PTS SW tool.
Find Me Target
findme_target.h
Glucose Sensor
glucose_service.h
glucose_sensor.h
glucose_racp.h
glucose_database.h
Health Thermometer
health_thermometer.h
Hearth Rate
heart_rate.h
Phone Alert
phone_alert_client.h
Proximity Monitor
proximity_monitor.h
Proximity Reporter
proximity_reporter.h
Time Client
time_client.h
Time Server
time_server.h
time_profile_types.h
Table 1. Profiles interfaces header files
Profile
Header file



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com