Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1770 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1770
Description  BlueNRG profile application interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1770 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1770 Datasheet HTML 25Page - STMicroelectronics UM1770 Datasheet HTML 26Page - STMicroelectronics UM1770 Datasheet HTML 27Page - STMicroelectronics UM1770 Datasheet HTML 28Page - STMicroelectronics UM1770 Datasheet HTML 29Page - STMicroelectronics UM1770 Datasheet HTML 30Page - STMicroelectronics UM1770 Datasheet HTML 31Page - STMicroelectronics UM1770 Datasheet HTML 32Page - STMicroelectronics UM1770 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
DocID026385 Rev 2
29/56
UM1770
Profile – application interface functions
56
Parameters
• BLE_CALLBACK_FUNCTION_TYPE: callback function called by the profile to notify the
application of the events.
6.4.2
ANC_Advertize()
Description
The function puts the device into discoverable mode. BLE_STATUS_SUCCESS is returned
if the command to put the device into discoverable mode was issued successfully.
Parameters
• useWhitelist: if the useWhiteList is set to TRUE, the device is configured to use the
whitelist which is configured with bonded devices at the time of initialization; otherwise,
the device enters limited discoverable mode to connect to any of the available devices.
6.4.3
ANC_Write_Control_Point()
Description
The application calls this to write or update the control point characteristic. The application is
notified through the event on successful update.
Parameters
1.
Command – ID of the command to be sent. Below is the list of the different command
IDs:
–
ENABLE_NEW_ALERT_NOTIFICATION (0x00)
–
ENABLE_UNREAD_ALERT_STATUS_NOTIFICATION (0x01)
–
DISABLE_NEW_ALERT_NOTIFICATION (0x02)
–
DISABLE_UNREAD_ALERT_STATUS_NOTIFICATION (0x03)
–
NOTIFY_NEW_ALERT_IMMEDIATELY (0x04)
–
NOTIFY_UNREAD_ALERT_STATUS_IMMEDIATELY (0x05)
2.
Category ID – category which has to be affected by the command. Below is the list of
the category IDs.
–
CATEGORY_ID_SIMPLE_ALERT (0x00)
–
CATEGORY_ID_EMAIL (0x01)
–
CATEGORY_ID_NEWS (0x02)
–
CATEGORY_ID_CALL (0x03)
–
CATEGORY_ID_MISSED_CALL (0x04)
–
CATEGORY_ID_SMS_MMS (0x05)
–
CATEGORY_ID_VOICE_MAIL (0x06)
–
CATEGORY_ID_SCHEDULE (0x07)
–
CATEGORY_ID_HIGH_PRIORITIZED_ALERT (0x08)
–
CATEGORY_ID_INSTANT_MESSAGE (0x09)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com