Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1770 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM1770
Description  BlueNRG profile application interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1770 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM1770 Datasheet HTML 31Page - STMicroelectronics UM1770 Datasheet HTML 32Page - STMicroelectronics UM1770 Datasheet HTML 33Page - STMicroelectronics UM1770 Datasheet HTML 34Page - STMicroelectronics UM1770 Datasheet HTML 35Page - STMicroelectronics UM1770 Datasheet HTML 36Page - STMicroelectronics UM1770 Datasheet HTML 37Page - STMicroelectronics UM1770 Datasheet HTML 38Page - STMicroelectronics UM1770 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
DocID026385 Rev 2
35/56
UM1770
Profile – application interface functions
56
6.6
Human interface device profile
6.6.1
HidDevice_Init()
Description
Initializes the Hid profile. It returns BLE_STATUS_SUCCESS if the procedure is started
successfully, or BLE_STATUS_FAILED if not. The application is notified through the event
EVT_HID_INITIALIZED on successful initialization.
Parameters
1.
numOfHIDServices – number of HID services to be exposed in the profile.
2.
HidServiceData – pointer to the structure tApplDataForHidServ containing the
configuration parameters provided by the application at the time of Initialization.
3.
NumOfBatteryServices – number of battery services to be exposed in the profile
4.
scanParamServiceSupport – adds the scan parameters service during hid initialization
if set to '1'.
5.
scanRefreshCharSupport – adds the scan parameters refresh characteristics if set to
'1'.
6.
BLE_CALLBACK_FUNCTION_TYPE – callback function type to be called by the
profile to notify the application of the events.
6.6.2
HidDevice_Make_Discoverable()
Description
The function puts the device into discoverable mode. BLE_STATUS_SUCCESS is returned
if the command to put the device into discoverable mode was issued successfully.
Parameters
1.
useBoundedDeviceList – if this is set to '1', advertising is performed on the devices
already bonded using whitelist.
6.6.3
HidDevice_Update_Input_Report()
Description
This is called by the application to update the input report characteristic with the value
specified in ipReportValue. It returns BLE_STATUS_SUCCESS if the update was
successfully started, otherwise it returns error codes. On successful update of the
characteristic, the application is notified through the event EVT_HID_UPDATE_CMPLT.
Parameters
1.
hidServiceIndex – the index of the HID service whose report characteristic has to be
updated.
2.
IpReportIndex – the index of the input report to be updated
3.
ipReportValLength – length of the input report
4.
ipReportValue – value of the input report.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com