Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1770 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1770
Description  BlueNRG profile application interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1770 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1770 Datasheet HTML 18Page - STMicroelectronics UM1770 Datasheet HTML 19Page - STMicroelectronics UM1770 Datasheet HTML 20Page - STMicroelectronics UM1770 Datasheet HTML 21Page - STMicroelectronics UM1770 Datasheet HTML 22Page - STMicroelectronics UM1770 Datasheet HTML 23Page - STMicroelectronics UM1770 Datasheet HTML 24Page - STMicroelectronics UM1770 Datasheet HTML 25Page - STMicroelectronics UM1770 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
Profile – application interface functions
UM1770
22/56
DocID026385 Rev 2
6.1.3
HRProfile_Send_HRM_Value()
Description
This function or command is called by the application to send the heart rate measurement
value to the collector. The procedure to send a heart rate measurement value returns
BLE_STATUS_SUCCESS if started successfully or BLE_STATUS_FAILED if not. When the
measurement value is sent successfully, the application is notified through the event
EVT_HRS_CHAR_UPDATE_CMPLT.
Parameters
• heartRateVal: The heart rate measurement structure with the following members:
1.
valueformat – indicates the format of the heart measurement value.
'0' if UINT8
'1' if UINT16
2.
sensorContact – this field indicates whether the sensor is in contact with the body
'0' is no or poor contact.
'1' contact o.k.
3.
energyExpendedStatus – indicates whether the EE field is present in the current
characteristic value.
'0' not present.
'1' present.
4.
rrIntervalStatus – indicates whether RR interval values are present in the current
characteristic value
'0' not present.
'1' present.
5.
heartRateValue – the heart rate measurement value.
6.
energyExpended – the energy expended value.
7.
numOfRRIntervalvalues – the maximum length of RR interval values allowed is nine. If
the maximum is exceeded, then only the last nine will be considered, assuming they
correspond to the most recent collected data.
8.
rrIntervalValues[9] – the buffer to hold the nine(9) most recent RR interval values
provided by the application.
6.1.4
HRProfile_Set_Sensor_Contact_Support_Bit()
Description
The application should call this function before sending any data to the device in order to
enable the sensor contact bit (BODY_SENSOR_LOCATION_SUPPORT_MASK) to include
sensor contact information value in the heart rate measurement. It returns
BLE_STATUS_SUCCESS when successfully set and BLE_STATUS_FAILED when not set.
6.1.5
HRProfile_Set_Body_Sensor_Location()
Description
Updates the body sensor location characteristic with the value provided. This should be
called by the application when not in a connection; it returns BLE_STATUS_SUCCESS if
successful.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com