Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1770 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM1770
Description  BlueNRG profile application interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1770 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM1770 Datasheet HTML 33Page - STMicroelectronics UM1770 Datasheet HTML 34Page - STMicroelectronics UM1770 Datasheet HTML 35Page - STMicroelectronics UM1770 Datasheet HTML 36Page - STMicroelectronics UM1770 Datasheet HTML 37Page - STMicroelectronics UM1770 Datasheet HTML 38Page - STMicroelectronics UM1770 Datasheet HTML 39Page - STMicroelectronics UM1770 Datasheet HTML 40Page - STMicroelectronics UM1770 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
DocID026385 Rev 2
37/56
UM1770
Profile – application interface functions
56
6.6.7
HidDevice_Update_Battery_Level()
Description
This is called by the application to start the update for the battery level characteristic. On
successful update, the application is notified through the event
EVT_BATTERY_LEVEL_UPDATE_CMPLT.
Parameters
1.
batteryServiceIndex – the battery service whose characteristic must be updated.
2.
BatteryLevel – value of the battery level characteristic.
6.6.8
HidDevice_Update_Scan_Refresh_Char()
Description
This is called by the application to start the update for the scan refresh characteristic. On
successful update, the application is notified through the event
EVT_SCAN_REFRESH_UPDATE_CMPLT.
Parameters
1.
scanRefresh – the value of the scan refresh characteristic
6.6.9
Allow_BatteryLevel_Char_Read()
Description
This is called by the application when it receives an event EVT_BATT_LEVEL_READ_REQ
from the profile. When EVT_BATT_LEVEL_READ_REQ is received, the application should
first update the battery level characteristic if required and then call this function. The stack
blocks the read response until this function is called by the application. For more details see
the event description for EVT_BATT_LEVEL_READ_REQ.
Parameters
1.
batteryServiceIndex – the battery service whose characteristic must be updated.
6.6.10
HIDProfile_StateMachine()
Description
The application calls this function for checking current main profile and profile state,
substate and performing related actions and consequent states updates.
Parameters
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com