Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1783 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1783
Description  1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1783 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1783 Datasheet HTML 4Page - Linear Technology LT1783 Datasheet HTML 5Page - Linear Technology LT1783 Datasheet HTML 6Page - Linear Technology LT1783 Datasheet HTML 7Page - Linear Technology LT1783 Datasheet HTML 8Page - Linear Technology LT1783 Datasheet HTML 9Page - Linear Technology LT1783 Datasheet HTML 10Page - Linear Technology LT1783 Datasheet HTML 11Page - Linear Technology LT1783 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1783
APPLICATIO S I FOR ATIO
Supply Voltage
The positive supply pin of the LT1783 should be bypassed
with a small capacitor (typically 0.1
µF) within an inch of
the pin. When driving heavy loads, an additional 4.7
µF
electrolytic capacitor should be used. When using split
supplies, the same is true for the negative supply pin.
The LT1783 is protected against reverse battery voltages
up to 18V. In the event a reverse battery condition occurs,
the supply current is less than 1nA.
Inputs
The LT1783 has two input stages, NPN and PNP (see the
Simplified Schematic), resulting in three distinct operat-
ing regions as shown in the Input Bias Current vs Common
Mode typical performance curve.
For input voltages about 0.8V or more below V+, the PNP
input stage is active and the input bias current is typically
–40nA. When the input common mode voltage is within
0.5V of the positive rail, the NPN stage is operating and the
Supply Current vs SHDN Pin
Voltage
Large-Signal Response
Small-Signal Response
SHUTDOWN PIN VOLTAGE (V)
0
0.5
1
1.5
2
2.5
1783 G25
275
250
225
200
175
150
125
100
75
50
25
0
TA = 25°C
TA = –55°C
TA = 125°C
VS = 5V, 0V
VS = ±5V
1783 G26
AV = 1
CL = 15pF
VS = ±5V
1783 G27
AV = 1
CL = 15pF
TYPICAL PERFOR A CE CHARACTERISTICS
Total Harmonic Distortion + Noise
vs Output Voltage Amplitude
Open-Loop Gain
OUTPUT VOLTAGE (V)
–6
–4
–2
0246
–5
–3
–1
1
3
5
1783 G24
RL = 2k
VS = ±5V
RL = 10k
RL = 50k
OUTPUT VOLTAGE AMPLITUDE (VP-P)
0.1
1
0123
1783 G23
0.01
0.001
10
AV = –1
RF = RG = 100k
VS = ±1.5V
VCM = 0V
AV = 1
VS = ±1.5V
VCM = 0V
AV = –1
RF = RG = 100k
VS = 3V, 0V
VCM = 1.5V
AV = 1
VS = 3V, 0V
VCM = 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com