Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1783 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1783
Description  1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1783 Datasheet(HTML) 5 Page - Linear Technology

  LT1783 Datasheet HTML 1Page - Linear Technology LT1783 Datasheet HTML 2Page - Linear Technology LT1783 Datasheet HTML 3Page - Linear Technology LT1783 Datasheet HTML 4Page - Linear Technology LT1783 Datasheet HTML 5Page - Linear Technology LT1783 Datasheet HTML 6Page - Linear Technology LT1783 Datasheet HTML 7Page - Linear Technology LT1783 Datasheet HTML 8Page - Linear Technology LT1783 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1783
Supply Current vs Supply Voltage
Minimum Supply Voltage
Input Bias Current vs Common
Mode Voltage
Output Saturation Voltage vs Load
Current (Output High)
Output Saturation Voltage vs Load
Current (Output Low)
Output Saturation Voltage vs
Input Overdrive
0.1Hz to 10Hz Noise Voltage
SUPPLY VOLTAGE (V)
2
6
10
14
4
8
12
16
18
1783 G01
300
280
260
240
220
200
180
160
140
120
TA = 125°C
TA = 25°C
TA = –55°C
TOTAL SUPPLY VOLTAGE (V)
0
1
2
3
4
5
1783 G02
400
300
200
100
0
–100
–200
–300
–400
TA = 125°C
TA = –55°C
TA = 25°C
COMMON MODE VOLTAGE (V)
3.8 4 4.2 4.4 4.6 4.8 5 5.2 5.4 5.6 14 16 18
1783 G03
50000
40000
30000
20000
10000
250
200
150
100
50
0
–50
TA = 25°C
TA = –55°C
TA = 125°C
SOURCING LOAD CURRENT (A)
1
µ
0.01
0.1
1
100
µ
10
µ
1m
10m
1783 G04
TA = 125°C
VS = ±2.5V
VOD = 30mV
TA = –55°C
TA = 25°C
SINKING LOAD CURRENT (A)
0.01
0.1
1
µ
100
µ
1m
10m
1783 G05
0.001
10
µ
1
TA = –55°C
TA = 125°C
TA = 25°C
VS = ±2.5V
VOD = 30mV
INPUT OVERDRIVE (mV)
0
100
10
1
1783 G06
10
20
30
40
50
60
OUTPUT HIGH
VS = ±2.5V
NO LOAD
OUTPUT LOW
TIME (sec)
1783 G07
VS = ±2.5V
0123456789
10
TYPICAL PERFOR A CE CHARACTERISTICS
VIN (V)
–10–8
6 8 10 12 14 16 18
1783 G02a
5
4
3
2
1
0
VS = 5V, 0V
–6 –4
0 2
–2
4
VIN
5V
–
+
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1783 G06a
55
50
45
40
35
30
VS = ±5V
SINKING CURRENT
SOURCING CURRENT
Output Voltage vs Large Input
Voltage
Output Short-Circuit Current vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com