Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1783 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1783
Description  1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1783 Datasheet(HTML) 3 Page - Linear Technology

  LT1783 Datasheet HTML 1Page - Linear Technology LT1783 Datasheet HTML 2Page - Linear Technology LT1783 Datasheet HTML 3Page - Linear Technology LT1783 Datasheet HTML 4Page - Linear Technology LT1783 Datasheet HTML 5Page - Linear Technology LT1783 Datasheet HTML 6Page - Linear Technology LT1783 Datasheet HTML 7Page - Linear Technology LT1783 Datasheet HTML 8Page - Linear Technology LT1783 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1783
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the specified temperature range, otherwise specifications are TA = 25°C.
VS = 3V, 0V; VS = 5V, 0V, VCM = VOUT = half supply, for the 6-lead part VPIN5 = 0V, pulse power tested unless otherwise specified.
VOL
Output Voltage Swing LOW
No Load
q
38
mV
ISINK = 5mA
q
200
400
mV
VS = 5V, ISINK = 10mA
q
330
600
mV
VOH
Output Voltage Swing HIGH
VS = 3V, No Load
q
2.91
2.94
V
VS = 3V, ISOURCE = 5mA
q
2.6
2.8
V
VS = 5V, No Load
q
4.91
4.94
V
VS = 5V, ISOURCE = 10mA
q
4.5
4.74
V
ISC
Short-Circuit Current (Note 2)
VS = 3V, Short to GND
5
10
mA
VS = 3V, Short to VCC
15
30
mA
VS = 5V, Short to GND
15
30
mA
VS = 5V, Short to VCC
20
40
mA
Minimum Supply Voltage
q
2.5
2.7
V
Reverse Supply Voltage
IS = –100µA
q
18
V
IS
Supply Current
210
300
µA
(Note 4)
q
350
µA
Supply Current, SHDN
VPIN5 = 2V, No Load (Note 8)
q
518
µA
ISHDN
Shutdown Pin Current
VPIN5 = 0.3V, No load (Note 8)
q
0.5
nA
VPIN5 = 2V, No Load (Note 8)
q
28
µA
VPIN5 = 5V, No Load (Note 8)
5
µA
Shutdown Output Leakage Current
VPIN5 = 2V, No Load (Note 8)
q
0.05
1
µA
Maximum Shutdown Pin Current
VPIN5 = 18V, No Load (Note 8)
q
10
30
µA
VL
Shutdown Pin Input Low Voltage
(Note 8)
q
0.3
V
VH
Shutdown Pin Input High Voltage
(Note 8)
q
2V
tON
Turn-On Time
VPIN5 = 5V to 0V, RL = 10k (Note 8)
25
µs
tOFF
Turn-Off Time
VPIN5 = 0V to 5V, RL = 10k (Note 8)
3
µs
GBW
Gain Bandwidth Product
f = 5kHz
750
1250
kHz
(Note 3)
0
°C ≤ TA ≤ 70°C
q
600
kHz
SR
Slew Rate
AV = –1, RL = ∞
0.24
0.42
V/
µs
(Note 5)
0
°C ≤ TA ≤ 70°C
q
0.21
V/
µs
FPBW
Full-Power Bandwidth (Note 9)
VOUT = 2VP-P
66
kHz
tS
Settling Time
VS = 5V, ∆VOUT = 2V to 0.1%, AV = –1
12
µs
THD
Distortion
VS = 3V, VO = 2VP-P, AV = 1, RL = 10k, f = 1kHz
0.001
%
VS = ±5V, VCM = 0V,VOUT = 0V, for the 6-lead part VSHDN = V–
VOS
Input Offset Voltage
TA = 25°C
500
900
µV
0
°C ≤ TA ≤ 70°C
q
1050
µV
Input Offset Voltage Drift (Note 7)
0
°C ≤ TA ≤ 70°C
q
25
µV/°C
IOS
Input Offset Current
q
48
nA
IB
Input Bias Current
q
40
80
nA
Input Bias Current Drift
0
°C ≤ TA ≤ 70°C
q
0.06
nA/
°C
Input Noise Voltage
0.1Hz to 10Hz
1
µVP-P
en
Input Noise Voltage Density
f = 1kHz
20
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.14
pA/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com