Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1783 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1783
Description  1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1783 Datasheet(HTML) 4 Page - Linear Technology

  LT1783 Datasheet HTML 1Page - Linear Technology LT1783 Datasheet HTML 2Page - Linear Technology LT1783 Datasheet HTML 3Page - Linear Technology LT1783 Datasheet HTML 4Page - Linear Technology LT1783 Datasheet HTML 5Page - Linear Technology LT1783 Datasheet HTML 6Page - Linear Technology LT1783 Datasheet HTML 7Page - Linear Technology LT1783 Datasheet HTML 8Page - Linear Technology LT1783 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1783
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the specified temperature range, otherwise specifications are TA = 25°C.
VS = ±5V, VCM = 0V,VOUT = 0V, for the 6-lead part VSHDN = V–, unless otherwise specified.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RIN
Input Resistance
Differential
q
0.65
1.3
M
Ω
Common Mode, VCM = –5V to 13V
q
0.3
0.5
M
Ω
CIN
Input Capacitance
5pF
Input Voltage Range
q
–5
13
V
CMRR
Common Mode Rejection Ratio
VCM = –5V to 13V
q
68
80
dB
AVOL
Large-Signal Voltage Gain
VO = ±4V, RL= 10k
70
160
V/mV
0
°C ≤ TA ≤ 70°C
q
50
V/mV
VOL
Output Voltage Swing LOW
No Load
q
–4.997
–4.992
V
ISINK = 5mA
q
–4.8
–4.6
V
ISINK = 10mA
q
–4.67
–4.4
V
VOH
Output Voltage Swing HIGH
No Load
q
4.91
4.94
V
ISOURCE = 5mA
q
4.6
4.8
V
ISOURCE = 10mA
q
4.5
4.74
V
ISC
Short-Circuit Current (Note 2)
Short to GND
18
30
mA
0
°C ≤ TA ≤ 70°C
q
15
mA
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±9V
q
90
100
dB
IS
Supply Current
230
325
µA
q
375
µA
Supply Current, SHDN
VPIN5 = –3V, VS = ±5V, No Load (Note 8)
q
620
µA
ISHDN
Shutdown Pin Current
VPIN5 = –4.7V, VS = ±5V, No load (Note 8)
q
0.5
nA
VPIN5 = –3V, VS = ±5V, No Load (Note 8)
q
28
µA
Maximum Shutdown Pin Current
VPIN5 = 9V, VS = ±9V (Note 8)
q
10
30
µA
Shutdown Output Leakage Current
VPIN5 = –7V, VS = ±9V, No Load (Note 8)
q
0.05
1
µA
VL
Shutdown Pin Input Low Voltage
VS = ±5V (Note 8)
q
–4.7
V
VH
Shutdown Pin Input High Voltage
VS = ±5V (Note 8)
q
–2.8
V
tON
Turn-On Time
VPIN5 = 0V to –5V, RL = 10k (Note 8)
q
25
µs
tOFF
Turn-Off Time
VPIN5 = –5V to 0V, RL = 10k (Note 8)
q
3
µs
GBW
Gain Bandwidth Product
f = 5kHz
800
1300
kHz
0
°C ≤ TA ≤ 70°C
q
700
kHz
SR
Slew Rate
AV = –1, RL = ∞, VO = ±4V, Measured at VO = ±2V
0.26
0.45
V/
µs
0
°C ≤ TA ≤ 70°C
q
0.23
V/
µs
FPBW
Full-Power Bandwidth (Note 9)
VOUT = 8VP-P
18
kHz
tS
Settling Time
∆VOUT = 4V to 0.1%, AV = 1
10
µs
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum.
Note 3: VS = 5V limits are guaranteed by correlation to VS = 3V and
VS = ±5V or VS = ±9V tests.
Note 4: VS = 3V limits are guaranteed by correlation to VS = 5V and
VS = ±5V or VS = ±9V tests.
Note 5: Guaranteed by correlation to slew rate at VS = ±5V, and GBW at
VS = 3V and VS = ±5V tests.
Note 6: This specification implies a typical input offset voltage of 1.8mV at
VCM = 18V and a maximum input offset voltage of 7.2mV at VCM = 18V.
Note 7: This parameter is not 100% tested.
Note 8: Specifications apply to 6-lead SOT-23 with shutdown.
Note 9: Full-power bandwidth is calculated from the slew rate.
FPBW = SR/2
πVP.
Note 10: The LT1783 is guaranteed functional over the operating
temperature range – 40
°C to 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com