Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1783 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1783
Description  1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1783 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1783 Datasheet HTML 3Page - Linear Technology LT1783 Datasheet HTML 4Page - Linear Technology LT1783 Datasheet HTML 5Page - Linear Technology LT1783 Datasheet HTML 6Page - Linear Technology LT1783 Datasheet HTML 7Page - Linear Technology LT1783 Datasheet HTML 8Page - Linear Technology LT1783 Datasheet HTML 9Page - Linear Technology LT1783 Datasheet HTML 10Page - Linear Technology LT1783 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1783
PSRR vs Frequency
CMRR vs Frequency
Output Impedance vs Frequency
Settling Time to 0.1% vs Output
Step
Capacitive Load Handling
Overshoot vs Capacitive Load
Undistorted Output Swing vs
Frequency
Total Harmonic Distortion + Noise
vs Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (Hz)
1k
90
80
70
60
50
40
30
20
10
0
–10
10k
100k
1M
1783 G15
VS = ±2.5V
POSITIVE SUPPLY
NEGATIVE SUPPLY
FREQUENCY (Hz)
10k
110
100
90
80
70
60
50
40
30
100k
1M
1783 G16
VS = ±2.5V
FREQUENCY (Hz)
100
0.01
100
10k
1k
100k
1M
1783 G17
10
1
0.1
AV = 100
VS = ±2.5V
AV = 10
AV = 1
SETTLING TIME (
µs)
0
2
4
6
8
10 12 14 16 18 20
1783 G18
4
3
2
1
0
–1
–2
–3
–4
AV = 1
VS = ±5V
AV = –1
AV = 1
AV = –1
CAPACITIVE LOAD (pF)
10
40
35
30
25
20
15
10
5
0
100
1000
10000
1783 G19
VS = 5V, 0V
VCM = 2.5V
AV = 1
AV = 5
AV = 10
FREQUENCY (Hz)
100
1k
10k
100k
12
10
8
6
4
2
0
1783 G20
VS = ±2.5V
DISTORTION
≤ 1%
AV = 1
VS = ±5V
FREQUENCY (Hz)
0.010
0.1
10
10k
1k
100k
1783 G21
0.001
0.0001
100
1
AV = –1
VS = 3V, 0V
VOUT = 2VP-P
VCM = 1.2V
RL = 10k
AV = 1
FREQUENCY (Hz)
100
100
10k
1M
1k
10k
100k
1M
1783 G17a
1k
100k
VS = ±2.5V
VPIN5 (SHUTDOWN) = 2.5V
Disabled Output Impedance vs
Frequency (Note 8)
Total Harmonic Distortion + Noise
vs Load Resistance
LOAD RESISTANCE TO GROUND (
Ω)
0.01
0.1
100
100k
1783 G22
0.001
0.0001
1k
10k
1
VS = 3V TOTAL
AV = 1
VIN = 2VP-P AT 1kHz
VS = ±1.5V
VIN = ±1V
VS = 3V, 0V
VIN = 0.5V TO 2.5V
VS = 3V, 0V
VIN = 0.2V TO 2.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com