Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1325CSW Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1325CSW
Description  Microprocessor-Controlled Battery Management System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1325CSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1325CSW Datasheet HTML 6Page - Linear Technology LTC1325CSW Datasheet HTML 7Page - Linear Technology LTC1325CSW Datasheet HTML 8Page - Linear Technology LTC1325CSW Datasheet HTML 9Page - Linear Technology LTC1325CSW Datasheet HTML 10Page - Linear Technology LTC1325CSW Datasheet HTML 11Page - Linear Technology LTC1325CSW Datasheet HTML 12Page - Linear Technology LTC1325CSW Datasheet HTML 13Page - Linear Technology LTC1325CSW Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
LTC1325
Bit 1: Start Bit (Start)
The first “logical one” clocked into the DIN input after CS
goes low is the start bit. The start bit initiates the data
transfer and all leading zeros which precede this logical
one will be ignored. After the start bit is received, the
remaining bits of the command word will be clocked in.
Bits 2 and 3: Mode Select (MOD0 and MOD1)
The two mode bits determine which of four modes the chip
will be in: idle, discharge, charge or gas gauge.
MOD1
MOD0
DESCRIPTION
0
0
Idle
0
1
Discharge
1
0
Charge
1
1
Gas Gauge
Bit 4: Single-Ended Differential Conversion (SGL/DIFF)
SGL/DIFF determines whether the ADC makes a single-
ended measurement with respect to ground or a differen-
tial measurement with respect to the Sense pin.
SGL/DIFF
DESCRIPTION
0
Single-Ended ADC Conversion
1
Differential ADC Conversion (with respect to Sense)
COMMAND WORD
The command word is 22 bits long and contains all the
information needed to configure and control the chip. On
power-up all bits are cleared to logical “0.”
FUNCTIONAL DESCRIPTIO
START
= 1
1
MOD0
2
MOD1
3
SGL/
DIFF
4
MSBF
5
DS0
6
DS1
7
DS2
8
DIV0
9
DIV1
10
DIV2
11
DIV3
12
PS
13
DR0
14
DR1
15
DR2
16
FSCLR
17
TO0
18
TO1
19
TO2
20
VR0
21
VR1
22
LTC1325 • F01
Figure 1. Command Word
Bit 5: MSB-First/LSB-First (MSBF)
The ADC data is programmed for MSB-first or LSB-first
sequence using the MSBF bit. See Serial I/O description
for details.
MSBF
DESCRIPTION
0
LSB-First Data Follows MSB-First Data
1
MSB-First Data Only
Bits 6 to 8: ADC Data Input Select (DS0 to DS2)
DS2, DS1 and DS0 select which circuit is connected to the
ADC input. Do not use unlisted combinations.
DS2
DS1
DS0
DESCRIPTION
0
0
0
Gas Gauge Output
0
0
1
Battery Temperature Pin, TBAT
0
1
0
Ambient Temperature Pin, TAMB
0
1
1
Battery Divider Output Voltage, VCELL
10
0
VIN Pin
Bits 9 to 12: Battery Divider Ratio Select (DIV0 to DIV3)
DIV3, DIV2, DIV1 and DIV0 select the division ratio for the
voltage divider across the battery.
DIV3
DIV2
DIV1
DIV0
DESCRIPTION
0
0
00(VBAT – VSENSE)/1
0
0
01(VBAT – VSENSE)/2
0
0
10(VBAT – VSENSE)/3
0
0
11(VBAT – VSENSE)/4
0
1
00(VBAT – VSENSE)/5
0
1
01(VBAT – VSENSE)/6
0
1
10(VBAT – VSENSE)/7
0
1
11(VBAT – VSENSE)/8
1
0
00(VBAT – VSENSE)/9
1
0
01(VBAT – VSENSE)/10
1
0
10(VBAT – VSENSE)/11
1
0
11(VBAT – VSENSE)/12
1
1
00(VBAT – VSENSE)/13
1
1
01(VBAT – VSENSE)/14
1
1
10(VBAT – VSENSE)/15
1
1
11(VBAT – VSENSE)/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com