Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1325CSW Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1325CSW
Description  Microprocessor-Controlled Battery Management System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1325CSW Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1325CSW Datasheet HTML 7Page - Linear Technology LTC1325CSW Datasheet HTML 8Page - Linear Technology LTC1325CSW Datasheet HTML 9Page - Linear Technology LTC1325CSW Datasheet HTML 10Page - Linear Technology LTC1325CSW Datasheet HTML 11Page - Linear Technology LTC1325CSW Datasheet HTML 12Page - Linear Technology LTC1325CSW Datasheet HTML 13Page - Linear Technology LTC1325CSW Datasheet HTML 14Page - Linear Technology LTC1325CSW Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LTC1325
FUNCTIONAL DESCRIPTIO
Bits 21 and 22: Charging Loop Reference Voltage
Select (VR0 and VR1)
VR1 and VR0 select the desired reference voltage VCHRG
for the charging loop. The charging loop will force the
average voltage at the Sense pin to be equal to VDAC. The
average charging current is VDAC/RSENSE (see Figure 4).
VR1
VR0
VDAC (mV)
00
18
01
34
10
55
1
1
160
STATUS WORD
The status word is 8 bits long and contains the status of
the internal fail-safe circuits.
Bit 1: Battery Present (BATP)
The BATP bit = 1 indicates the presence of the battery. The
bit is set to 1 when the voltage at the VBAT pin falls below
(VDD – 1.8V). BATP = 0 when the battery is removed and
VBAT is pulled high by RTRK (see Figure 3).
BATP
CONDITIONS
0(VDD – 1.8) < VBAT < VDD
1VBAT < (VDD – 1.8)
Bit 2: Battery Reversed (BATR) or Shorted
The BATR bit indicates when the battery is connected
backwards or shorted. The bit is set when the battery cell
voltage at the output of the battery divider VCELL is below
100mV.
BATR
CONDITIONS
0VCELL > 100mV
1VCELL < 100mV
BATP
1
BATR
2
FMCV
3
FEDV
4
FHTF
5
FLTF
6
tOUT
7
FS
8
LTC1325 • F02
Figure 2. Status Word
Bit 13: Power Shutdown (PS)
PS selects between the normal operating mode, or the
shutdown mode.
PS
DESCRIPTION
0
Normal Operation
1
Shutdown All Circuits Except Digital Inputs
Bits 14 to 16: Duty Ratio Select (DR0 to DR2)
DR2, DR1 and DR0 select the duty cycle of the charging
loop operation (not 111kHz PWM duty cycle). The last
three selections place the chip into a test mode and should
not be used.
DR2
DR1
DR0
DESCRIPTION
0
0
0
1/16
0
0
1
1/8
0
1
0
1/4
0
1
1
1/2
10
0
1
1
0
1
Test Mode 1
1
1
0
Test Mode 2
1
1
1
Test Mode 3
Bit 17: Fail-Safe Latch Clear (FSCLR)
When FSCLR bit is set to one, the internal fail-safe timer is
reset to 0, and the fail-safe latches are reset. FSCLR is
automatically reset to 0 when CS goes high.
FSCLR
DESCRIPTION
0
No Action
1
Reset Fail-Safe Timer and Latches
Bits 18 to 20: Timeout Period Select (TO0 to TO2)
TO2, TO1 and TO0 select the desired fail-safe timeout
period,tOUT. On power-up, the default timeout is 5 minutes.
TO2
TO1
TO0
TIMEOUT (MINUTES)
00
0
5
00
1
10
01
0
20
01
1
40
10
0
80
1
0
1
160
1
1
0
320
1
1
1
Indefinite (No Timeout)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com