Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1325CSW Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1325CSW
Description  Microprocessor-Controlled Battery Management System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1325CSW Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1325CSW Datasheet HTML 16Page - Linear Technology LTC1325CSW Datasheet HTML 17Page - Linear Technology LTC1325CSW Datasheet HTML 18Page - Linear Technology LTC1325CSW Datasheet HTML 19Page - Linear Technology LTC1325CSW Datasheet HTML 20Page - Linear Technology LTC1325CSW Datasheet HTML 21Page - Linear Technology LTC1325CSW Datasheet HTML 22Page - Linear Technology LTC1325CSW Datasheet HTML 23Page - Linear Technology LTC1325CSW Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
LTC1325
APPLICATIONS INFORMATION
PFET to within the maximum gate source voltage rating of
the latter. Finally, D2 clamps VBAT to 15V.
Charging Batteries with Voltages Above 16V
To charge a battery with a maximum (fully charged) voltage
of above 16V, the charging supply VDC must be above 16V.
Thus the charger will need the regulator, level shifter and
clamp mentioned in the previous section. In addition, an
external battery divider must be added to limit the voltage at
the VBAT pin to less than VDD. This is shown in the typical
application circuit, Wide Voltage Battery Charger. The resis-
tors R9 and R10 are selected to divide the battery voltage by
the number of cells in the battery and the battery divider
internal to the LTC1325 is set to divide-by-1. The external
divider prevents VBAT from ever rising to VDD and this causes
the BATP (Battery Present Flag) to be high regardless of
whether the battery is physically present or not. This does not
affect the other operations of the LTC1325.
SOFTWARE DESIGN
A general charging algorithm consists of the following
stages:
Discharge Before Charge
Fast Charge
Top Off Charge
Trickle Charge
Under some operating and storage conditions, NiCd and
NiMH batteries may not provide full capacity. In particular,
repeated shallow charge and discharge cycles cause the
“memory effect” in NiCd batteries. In order to restore full
capacity (battery conditioning), these batteries have to be
subjected to several deep discharge/charge cycles which
will be provided by repetitions of the above algorithm.
Figure 6 shows a simplified flowchart of a charging algo-
rithm. In practice, this flowchart has to be augmented to
take into account the occurrence of fail-safes at any point
in the algorithm. For example, the battery temperature
could rise above HTF during discharging or charging.
General programming notes are as follows:
1. The start bit is always high.
2. The SGL/DIFF bit is generally set to low so that the ADC
makes conversions with respect to ground.
8. REG Pin Loading: The 3.072V regulator has a load
regulation specification of – 5mV/mA. Since the ADC
uses the same regulator as reference, it is desirable to
reduce loading effects on the REG pin especially over
temperature. Thermistors with RTO values of at least
10k at 25
°C are recommended. At 50°C, the ther-
mistor resistance could drop by a factor of 3 from its
value at 25
°C. RL is chosen as explained in the section
on Temperature Sensing. The temperature coefficient
of RL is not critical since the thermistor tempco
dominates the sensing circuit.
9. RDIS: RDIS is selected to limit the discharge current to
a value within the battery discharge specifications and
must have a power rating above IDIS2(RDIS) where:
IDIS = VBAT/[RDIS + RDS(ON)(N1)]
10. PFET(P1) and NFET(N1): For operation of the charge
and discharge loops,
VGS < VDD since the PGATE
and DIS pins swing between 0 and VDD. VGS << VDD
to minimize power dissipation. The power ratings of
P1 and N1 should be above ICHRG
2[RDS(ON)(P1)] and
IDIS
2[RDS(ON)(N1)] respectively. VDS(MAX) should be
above VDD.
Charging from Supplies Above 16V
In many applications, the charging supply is greater than
the 16V maximum VDD ratingoftheLTC1325.TheLTC1325
can easily be adapted to charge the batteries from a
charging supply VDC that is above 16V by adding three
external sub-circuits:
1. A regulator to drop VDC down to within the supply
range of the LTC1325.
2. A level shifter between the PGATE and the gate of the
PFET, P1, to ensure that P1 can be completely turned
off when PGATE rises to VDD.
3. A voltage clamp on the VBAT pin to prevent RTRK from
pulling VBAT above VDD.
The Wide Voltage Battery Charger circuit in the Typical
Application section shows low cost implementations of all
three sub-circuits. C1, R11 and D4 generate a 15V VDD for
the LTC1325. D3, R12 and C2 form a level shifter. The
zener D3 is chosen to clamp the source gate voltage of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com