Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1325CSW Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1325CSW
Description  Microprocessor-Controlled Battery Management System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1325CSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1325CSW Datasheet HTML 8Page - Linear Technology LTC1325CSW Datasheet HTML 9Page - Linear Technology LTC1325CSW Datasheet HTML 10Page - Linear Technology LTC1325CSW Datasheet HTML 11Page - Linear Technology LTC1325CSW Datasheet HTML 12Page - Linear Technology LTC1325CSW Datasheet HTML 13Page - Linear Technology LTC1325CSW Datasheet HTML 14Page - Linear Technology LTC1325CSW Datasheet HTML 15Page - Linear Technology LTC1325CSW Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
LTC1325
FUNCTIONAL DESCRIPTIO
Bit 3: Maximum Cell Voltage (FMCV)
The MCV bit indicates when the battery cell voltage has
exceeded the preset limit. The bit is set when VCELL is
greater than the voltage at the MCV pin.
FMCV
CONDITIONS
0VCELL < VMCV
1VCELL > VMCV
Bit 4: End Discharge Voltage (FEDV)
The EDV bit indicates when the battery cell voltage has
dropped below an internally preset limit. The bit is set
when the battery cell voltage at the output of the voltage
divider VCELL is less than 900mV.
FEDV
CONDITIONS
0VCELL > 900mV
1VCELL < 900mV
Bit 5: High Temperature Fault (FHTF)
The HTF bit indicates when the battery temperature is too
high. Using a negative TC thermistor, the bit is set when
the voltage at the TBAT pin is less than the voltage at the
HTF pin.
FHTF
CONDITIONS
0TBAT > VHTF
1TBAT < VHTF
Bit 6: Low Temperature Fault (FLTF)
The LTF bit indicates when the battery temperature is too
low. Using a negative TC thermistor, the bit is set when the
voltage at the TBAT pin is greater than the voltage at the
LTF pin.
FLTF
CONDITIONS
0TBAT < VLTF
1TBAT > VLTF
Bit 7: Timeout (tOUT)
The tOUT bit indicates that the battery charging time has
exceeded the preset limit. The bit is set when the internal
timer exceeds the limit set by the command bits TO0, TO1
and TO2.
TOUT
CONDITIONS
0
No Timeout Has Occurred
1
Timeout Has Occurred
Bit 8: Fail-Safe Occurred (FS)
The FS bit indicates that one of the fault detection circuits
halted the discharging or charging cycle. The bit is set
when an EDV, LTF, HTF, or tOUT fault occurs during
discharge. During charging, the bit is set when a MCV,
LTF, HTF, or tOUT fault occurs. The bit is reset by the
command word bit FSCLR.
FS
CONDITIONS
0
No Fail-Safe Has Occurred
1
Fail-Safe Has Occurred
DETAILED DESCRIPTION
Fault Conditions
The LTC1325 monitors the battery for fault conditions
before and during discharge and charge (see Figure 3).
They include: battery removed/present (BATP), battery
reversed/shorted (BATR), maximum cell voltage exceeded
Figure 3. Fail-Safe or Fault Detection Circuitry
+
–
+
–
+
–
VDD
BATP
FMCV
PROGRAMMABLE
BATTERY
DIVIDER
C2
C1
1.8V
C3
C4
+
–
FEDV
+
–
BATR
VDD
VBAT
SENSE
MCV
900mV
100mV
TBAT
HTF
R4
R3
RL
RT
LTC1325 • F03
LTF
REG
REG
RTRK
R1
R2
3.072V
LINEAR
REGULATOR
C5
+
–
FHTF
C6
+
–
FLTF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com