Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1325CSW Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1325CSW
Description  Microprocessor-Controlled Battery Management System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1325CSW Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1325CSW Datasheet HTML 16Page - Linear Technology LTC1325CSW Datasheet HTML 17Page - Linear Technology LTC1325CSW Datasheet HTML 18Page - Linear Technology LTC1325CSW Datasheet HTML 19Page - Linear Technology LTC1325CSW Datasheet HTML 20Page - Linear Technology LTC1325CSW Datasheet HTML 21Page - Linear Technology LTC1325CSW Datasheet HTML 22Page - Linear Technology LTC1325CSW Datasheet HTML 23Page - Linear Technology LTC1325CSW Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LTC1325
wiper on a potentiometer between these two. Table 1
illustrates a complete 6-byte exchange. Note that the first
byte is padded with zeroes to align the A/D data and status
with byte boundaries.
SPCR = (SPIE = 0, SPE = 1, DWOM = 0, MSTR = 1,
CPOL = 0, CPHA = 0, SPR1 = 0, SPR0 = 1)
DDRD = (BIT7 = 0, BIT6 = 0, DDR5 = 1, DDR4 = 1,
DDR3 = 1, DDR2 = 0, DDR1 = 0, DDR0 = 1)
Table 1. 6-Byte Exchange SPI Communication with LTC1325
0
BYTE #1 TX
0
SS
SCK
MOSI
PORTD.0
MISO
00
0
0
START MOD0
X
BYTE #1 RX
X
XX
X
X
X
X
MOD1
BYTE #2 TX
SGL/
DIFF
MSBF
DS0
DS1
DS2
DIV0
DIV1
X
BYTE #2 RX
X
XX
X
X
X
X
DIV2
BYTE #3 TX
DIV3
PS
DR0
DR1
DR2
FSCLR
TO0
BYTE #3 RX
X
X
XX
X
X
X
X
TO1
BYTE #4 TX
TO2
VR0
VR1
0
0
0
0
X
BYTE #4 RX
X
XX
X
0
D9
D8
X
BYTE #5 TX
X
XX
X
X
X
X
D7
BYTE #5 RX
D6
D5
D4
D3
D2
D1
D0
X
BYTE #6 TX
X
XX
X
X
X
X
BATP
BYTE #6 RX
BATR
FMCV
FEVD
FHTF
FLTF
t0UT
FS
LTC1325 • AI01
CLK
DIN
CS
DOUT
68HC11
5V
LTC1325
X = DON’T CARE
idle mode to minimize noise. The microprocessor
should either disregard readings or wait for a second
or so before taking a reading. This is to allow VCELL to
decay to the correct cell voltage. The worst case time
constant is 150k
Ω(CF).
10. Prior to the first START command, the battery divider
setting may be incorrect so that CF may charge to a
voltage that causes EDV, BATR or MCV faults. The
worst case time constant is as in (9). The micropro-
cessor should check faults during the transmission of
a START command and resend the START command
again when CF has been given enough time to charge
up to the correct value.
MICROPROCESSOR INTERFACES
The LTC1325 can interface directly to either synchronous,
serial or parallel I/O ports of most popular microproces-
sors. With a parallel port, 3 or 4 I/O lines can be pro-
grammed to form a serial link to the LTC1325.
Motorola SPI (68HC11)
The 68HC11 has a dedicated synchronous serial interface
called the Serial Peripheral Interface (SPI) which transfers
datawithMSB-firstandin8-bitincrements.Tocommunicate
with this microprocessor, the LTC1325 MSBF control bit
should be set to 1. The SPI has four lines: Master In Slave Out
(MISO), Master Out Slave In (MOSI), Serial Clock (SCK) and
Slave Select (SS). The 68HC11 is configured as a Master by
tying the SS line high. A control byte is written to the Serial
Peripheral Control Register (SPCR) to select master mode,
set baud rate and clock timing relationship. Another byte is
written to the Port D Direction Register (DDRD) to set MOSI,
SCK and bit 0 (CS of LTC1325) as outputs. The 68HC11
clocks in data from the LTC1325 simultaneously under the
control of SCK. The microprocessor transmits the LTC1325
commandwordin4bytes.Thisisfollowedby2moredummy
bytes (with all bits set low) in order to clock in the remaining
LTC1325 ADC and status bits.
This software example allows you to verify communica-
tions with the LTC1325. The command word configures
the LTC1325 to perform an A/D conversion on the general
purpose VIN input. VIN can be tied to GND or REG or to a
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com