Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2053 Datasheet(PDF) 18 Page - RF Micro Devices

Part # RF2053
Description  HIGH PERFORMANCE FRACTIONAL-N SYNTHESIZER WITH INTEGRATED RF MIXER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2053 Datasheet(HTML) 18 Page - RF Micro Devices

Back Button RF2053 Datasheet HTML 14Page - RF Micro Devices RF2053 Datasheet HTML 15Page - RF Micro Devices RF2053 Datasheet HTML 16Page - RF Micro Devices RF2053 Datasheet HTML 17Page - RF Micro Devices RF2053 Datasheet HTML 18Page - RF Micro Devices RF2053 Datasheet HTML 19Page - RF Micro Devices RF2053 Datasheet HTML 20Page - RF Micro Devices RF2053 Datasheet HTML 21Page - RF Micro Devices RF2053 Datasheet HTML 22Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
18 of 36
RF2053
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Setting The Operating Frequency
Setting the operating frequency of the device requires a number of registers to be programmed.
A total of four registers must be programmed to set the device operating frequency. This will take 5.2us for each path at maxi-
mum clock speed.
To change the frequency of the VCO it will be necessary to repeat these operations. However, if the frequency shift is small it
may not be necessary to reprogram all the bits reducing the number of register writes to three.
For an example on how to determine the integer and fractional parts of the synthesizer PLL division ratio please refer to the
detailed description of the PLL on page 9.
Set operating
frequencies
Program P2_LODIV
and LO2_I
Program
P2_N
Program
P2_NUM_MSB
Program
P2_NUM_LSB
Frequency
programmed
3
4
When programming the operating frequency it is
necessary to select the appropriate LODIV value,
located in the PLL2x0 register. If the LO frequency is
above 2GHz the LO path current (CFG5) should be set
to 0xC.
The integer part of the PLL division ratio is
programmed into the PLL2x3 register.
The MSB of the fractional part of the synthesizer PLL
divider value is programmed into the PLL2x1 register.
The LSB of the fractional part of the synthesizer PLL
divider value is programmed into the PLL2x2 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com