Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2053 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2053
Description  HIGH PERFORMANCE FRACTIONAL-N SYNTHESIZER WITH INTEGRATED RF MIXER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2053 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2053 Datasheet HTML 2Page - RF Micro Devices RF2053 Datasheet HTML 3Page - RF Micro Devices RF2053 Datasheet HTML 4Page - RF Micro Devices RF2053 Datasheet HTML 5Page - RF Micro Devices RF2053 Datasheet HTML 6Page - RF Micro Devices RF2053 Datasheet HTML 7Page - RF Micro Devices RF2053 Datasheet HTML 8Page - RF Micro Devices RF2053 Datasheet HTML 9Page - RF Micro Devices RF2053 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6 of 36
RF2053
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Characteristics for the RF2053 synthesizer
VDD=3V, TA=25°C, as measured on RF2053 evaluation board, Phase Detector Frequency=26MHz.
Typical Performance Characteristics for the RF2053
-160.0
-150.0
-140.0
-130.0
-120.0
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
0.1
1
10
100
1000
10000
Phase
Noise
(dBc/Hz)
Offset Frequency (kHz)
Phase Noise of RF2053 and UMS-2150-R16 VCO
(Wideband EVB)
950MHz
1250MHz
1550MHz
1850MHz
2150MHz
-160.0
-150.0
-140.0
-130.0
-120.0
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
0.1
1
10
100
1000
10000
Phase
Noise
(dBc/Hz)
Offset Frequency (kHz)
Phase Noise of RF2053 and UMX-236-D16 VCO
(Narrowband EVB) at 1660MHz
Icp = 011111
Icp = 111111
-110.0
-100.0
-90.0
-80.0
-70.0
-60.0
10
20
30
40
50
Phase
Noise
(dBc/Hz)
Phase Detector Frequency (MHz)
Synthesizer Output Phase Noise Floor at
1kHz Offset versus Phase Detector Frequency
2GHz
1GHz
0.5GHz
-120.0
-110.0
-100.0
-90.0
-80.0
-70.0
10
20
30
40
50
Phase
Noise
(dBc/Hz)
Phase Detector Frequency (MHz)
Synthesizer Output Phase Noise Floor at
10kHz Offset versus Phase Detector Frequency
2GHz
1GHz
0.5GHz
40.0
45.0
50.0
55.0
60.0
65.0
70.0
75.0
80.0
001
010
011
100
101
Supply
Current
(mA)
Mixer Bias Current Setting (MIX2_IDD)
Operating Current versus Temperature and
Supply Voltage
-40DegC, +2.7V
-40DegC, +3.0V
-40DegC, +3.6V
+27DegC, +2.7V
+27DegC, +3.0V
+27DegC, +3.6V
+85DegC, +2.7V
+85DegC, +3.0V
+85DegC, +3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com