Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2053 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2053
Description  HIGH PERFORMANCE FRACTIONAL-N SYNTHESIZER WITH INTEGRATED RF MIXER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2053 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2053 Datasheet HTML 4Page - RF Micro Devices RF2053 Datasheet HTML 5Page - RF Micro Devices RF2053 Datasheet HTML 6Page - RF Micro Devices RF2053 Datasheet HTML 7Page - RF Micro Devices RF2053 Datasheet HTML 8Page - RF Micro Devices RF2053 Datasheet HTML 9Page - RF Micro Devices RF2053 Datasheet HTML 10Page - RF Micro Devices RF2053 Datasheet HTML 11Page - RF Micro Devices RF2053 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8 of 36
RF2053
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Characteristics for the RF2053 mixer
VDD=3V, TA=25°C, unless stated, as measured on RF2053 wideband evaluation board, Phase Detector Frequency=26MHz
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
250
500
750
1000
1250
1500
1750
2000
2250
Pin
1dB
(dBm)
RF Input Frequency (MHz)
Mixer Input Power for 1dB Compression
IF = 100MHz, +27DegC & 3.0V Supply
MIX2_IDD = 001
MIX2_IDD = 010
MIX2_IDD = 011
MIX2_IDD = 100
MIX2_IDD = 101
0.0
5.0
10.0
15.0
20.0
25.0
30.0
001
010
011
100
101
Input IP3
(dBm)
Mixer Bias Current Setting (MIX2_IDD)
Mixer Input IP3 versus Temperature & Voltage
RF Input Frequency = 1000MHz & IF = 100MHz
-40DegC, +2.7V
-40DegC, +3.0V
-40DegC, +3.6V
+27DegC, +2.7V
+27DegC, +3.0V
+27DegC, +3.6V
+85DegC, +2.7V
+85DegC, +3.0V
+85DegC, +3.6V
0.0
5.0
10.0
15.0
20.0
25.0
30.0
001
010
011
100
101
Input IP3
(dBm)
Mixer Bias Current Setting (MIX2_IDD)
Mixer Input IP3 versus Temperature & Voltage
RF Input Frequency = 2000MHz & IF = 100MHz
-40DegC, +2.7V
-40DegC, +3.0V
-40DegC, +3.6V
+27DegC, +2.7V
+27DegC, +3.0V
+27DegC, +3.6V
+85DegC, +2.7V
+85DegC, +3.0V
+85DegC, +3.6V
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
0
500
1000
1500
2000
2500
RF to
IF Isolation
(dB)
RF Input Frequency (MHz)
Mixer RF Input to IF Output Isolation
versus Temperature and Supply Voltage
IF = 100MHz & LO = RF + IF
-40DegC, +2.7V
-40DegC, +3.0V
-40DegC, +3.6V
+27DegC, +2.7V
+27DegC, +3.0V
+27DegC, +3.6V
+85DegC, +2.7V
+85DegC, +3.0V
+85DegC, +3.6V
6.0
8.0
10.0
12.0
14.0
16.0
250
500
750
1000
1250
1500
1750
2000
2250
Pin 1dB
(dBm)
RF Input Frequency (MHz)
Mixer Input Power for 1dB Compression
versus Temperature & Voltage
IF = 100MHz & MIX2_IDD = 101
-40DegC, +2.7V
-40DegC, +3.0V
-40DegC, +3.6V
+27DegC, +2.7V
+27DegC, +3.0V
+27DegC, +3.6V
+85DegC, +2.7V
+85DegC, +3.0V
+85DegC, +3.6V
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
250
500
750
1000
1250
1500
1750
2000
2250
LO
Leakage
(dBm)
LO Frequency (MHz)
LO Leakage in dBm at Mixer IF Output
versus Temperature and Supply Voltage
-40DegC, +2.7V
-40DegC, +3.0V
-40DegC, +3.6V
+27DegC, +2.7V
+27DegC, +3.0V
+27DegC, +3.6V
+85DegC, +2.7V
+85DegC, +3.0V
+85DegC, +3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com