Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2053 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2053
Description  HIGH PERFORMANCE FRACTIONAL-N SYNTHESIZER WITH INTEGRATED RF MIXER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2053 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2053 Datasheet HTML 1Page - RF Micro Devices RF2053 Datasheet HTML 2Page - RF Micro Devices RF2053 Datasheet HTML 3Page - RF Micro Devices RF2053 Datasheet HTML 4Page - RF Micro Devices RF2053 Datasheet HTML 5Page - RF Micro Devices RF2053 Datasheet HTML 6Page - RF Micro Devices RF2053 Datasheet HTML 7Page - RF Micro Devices RF2053 Datasheet HTML 8Page - RF Micro Devices RF2053 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1 of 36
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
LDMOS
Frac-N
sequence
generator
N
divider
Phase /
freq
detector
Charge
pump
Ref
divider
Synth
LO
divider
RF2053
HIGH PERFORMANCE FRACTIONAL-N
SYNTHESIZER WITH INTEGRATED RF MIXER
The RF2053 is a low power, high performance, wideband RF frequency conversion
chip with integrated local oscillator (LO) generation and RF mixer. The RF synthe-
sizer includes an integrated fractional-N phase locked loop that can control an
external VCO to produce a low-phase noise LO signal with a very fine frequency res-
olution. The VCO output frequency can be divided by 1, 2, or 4 in the LO divider,
whose output is buffered and drives the built-in RF mixer which converts the signal
into the required frequency band. The mixer bias current can be programmed
dependent on the required performance and available supply current. The LO gen-
eration blocks have been designed to operate with external VCOs covering the fre-
quency range from 300MHz to 2400MHz. The RF mixer is very broad band and
operates from 30MHz to 2500MHz at the input and output, enabling both up and
down conversion. An external crystal of between 10MHz and 52MHz or an external
reference source of between 10MHz and 104MHz can be used with the RF2053 to
accommodate a variety of reference frequency options.
All on-chip registers are controlled through a simple three-wire serial interface. The
RF2053 is designed for 2.7V to 3.6V operation for compatibility with portable, bat-
tery powered devices. It is available in a plastic 32-pin, 5mmx5mm QFN package.
Features
Fractional-N Synthesizer
Very Fine Frequency Resolution
1.5Hz for 26MHz Reference
300MHz to 2400MHz External
VCO Frequency Range
On-Chip Crystal-Sustaining
Circuit With Programmable
Loading Capacitors
Integrated LO Buffer and LO
Divider
High-Linearity RF Mixer
Mixer Input IP3 +23dBm Typ.
Mixer Bias Adjustable for Low
Power Operation
Mixer Frequency Range 30MHz
to 2500MHz
2.7V to 3.6V Power Supply
Low Current Consumption
50mA to 70mA at 3V
3-Wire Serial Interface
Applications
CATV Head-Ends
Digital TV Up/Down Converters
Digital TV Repeaters
Multi-Dwelling Units
Frequency Band Shifters
UHF/VHF Radios
Software Defined Radios
Satellite Communications
Super-Heterodyne Radios
DS140110
Package: QFN, 32-Pin, 5mmx5mm
RF2053


Similar Part No. - RF2053

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RF2050D0050 ADAM-TECH-RF2050D0050 Datasheet
154Kb / 1P
RF CONNECTORS
RF2050D0075 ADAM-TECH-RF2050D0075 Datasheet
154Kb / 1P
RF CONNECTORS
RF2050DAS50 ADAM-TECH-RF2050DAS50 Datasheet
154Kb / 1P
RF CONNECTORS
RF2050DAS75 ADAM-TECH-RF2050DAS75 Datasheet
154Kb / 1P
RF CONNECTORS
RF2050P0050 ADAM-TECH-RF2050P0050 Datasheet
154Kb / 1P
RF CONNECTORS
More results

Similar Description - RF2053

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC820LP6CE HITTITE-HMC820LP6CE Datasheet
490Kb / 10P
FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO
logo
Integrated Device Techn...
ICS8430002 IDT-ICS8430002 Datasheet
843Kb / 27P
High-Performance Fractional-N Frequency Synthesizer
logo
Asahi Kasei Microsystem...
AK1575 AKM-AK1575 Datasheet
1Mb / 35P
Up Converter Mixer with Fractional-N Frequency Synthesizer and VCO
logo
RF Micro Devices
RF2052 RFMD-RF2052 Datasheet
1Mb / 37P
HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
RFFC2071 RFMD-RFFC2071 Datasheet
1Mb / 23P
2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
RFFC2071A RFMD-RFFC2071A Datasheet
2Mb / 22P
2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
logo
Texas Instruments
LMX8410L TI1-LMX8410L Datasheet
1Mb / 63P
High-Performance Mixer With Integrated Synthesizer
logo
Analog Devices
LTC6948 AD-LTC6948 Datasheet
507Kb / 38P
Fractional-N Synthesizer Integrated VCO
logo
Qorvo, Inc
RF2052 QORVO-RF2052 Datasheet
1Mb / 37P
HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
RFFC2071A QORVO-RFFC2071A Datasheet
2Mb / 22P
2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com