Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2053 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2053
Description  HIGH PERFORMANCE FRACTIONAL-N SYNTHESIZER WITH INTEGRATED RF MIXER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2053 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2053 Datasheet HTML 3Page - RF Micro Devices RF2053 Datasheet HTML 4Page - RF Micro Devices RF2053 Datasheet HTML 5Page - RF Micro Devices RF2053 Datasheet HTML 6Page - RF Micro Devices RF2053 Datasheet HTML 7Page - RF Micro Devices RF2053 Datasheet HTML 8Page - RF Micro Devices RF2053 Datasheet HTML 9Page - RF Micro Devices RF2053 Datasheet HTML 10Page - RF Micro Devices RF2053 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7 of 36
RF2053
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Characteristics for the RF2053 mixer
VDD=3V, TA=25°C, unless stated, as measured on RF2053 wideband evaluation board, Phase Detector Frequency=26MHz.
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
250
500
750
1000
1250
1500
1750
2000
2250
Conversion
Gain (dB)
RF Input Frequency (MHz)
RF2053 Mixer Conversion Gain
IF Output = 100MHz & LO = RF + IF
-40DegC, +2.7V
-40DegC, +3.0V
-40DegC, +3.6V
+27DegC, +2.7V
+27DegC, +3.0V
+27DegC, +3.6V
+85DegC, +2.7V
+85DegC, +3.0V
+85DegC, +3.6V
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
250
500
750
1000
1250
1500
1750
Noise
Figure
(dB)
RF Input Frequency (MHz)
Mixer Noise Figure versus RF Input Frequency
IF = 100MHz, +27Deg C and +3.0V Supply
MIX2_IDD = 001
MIX2_IDD = 010
MIX2_IDD = 011
MIX2_IDD = 100
MIX2_IDD = 101
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
250
500
750
1000
1250
1500
1750
Noise
Figure
(dB)
RF Input Frequency (MHz)
Mixer Noise Figure versus Temperature & Voltage
IF = 100MHz & MIX2 _IDD = 001
-40DegC, +2.7V
-40DegC, +3.0V
-40degC, +3.6V
+27DegC, +2.7V
+27DegC, +3.0V
+27DegC, +3.6V
+85DegC, +2.7V
+85DegC, +3.0V
+85DegC, +3.6V
0.0
5.0
10.0
15.0
20.0
25.0
30.0
250
500
750
1000
1250
1500
1750
2000
2250
Input IP3
(dBm)
RF Input Frequency (MHz)
Mixer Input IP3 versus RF Input Frequency
IF = 100MHz & LO = RF - IF
+27DegC and +3.0V Supply
MIX2_IDD = 001
MIX2_IDD = 010
MIX2_IDD = 011
MIX2_IDD = 100
MIX2_IDD = 101
8.0
8.5
9.0
9.5
10.0
10.5
11.0
-40
-20
0
2040
6080
100
NF
(dB)
Temperature (°C)
NF versus Temperature and Supply Voltage
(Low Noise Mode MIX2_IDD=001)
2.7V
3.0V
3.6V
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
-40-20
0
20
40
60
80100
Gain
(dB)
Temperature (°C)
Gain versus Temperature and Supply Voltage
(Excluding losses in PCB and Baluns)
2.7V
3.0V
3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com