Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1515AVB2-R1 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJG1515AVB2-R1
Description  TDMA ANTENNA SWITCH GaAs MMIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1515AVB2-R1 Datasheet(HTML) 2 Page - New Japan Radio

  NJG1515AVB2-R1 Datasheet HTML 1Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 2Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 3Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 4Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 5Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 6Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 7Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 8Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NJG1515AVB2
- 2 -
nABSOLUTE MAXIMUM RATINGS
(
Ta=25°C)
PARAMETER
SYMBOL
CONDITIONS
RATINGS
UNITS
Supply voltage 1
VDD
VDD Terminal
6.0
V
Supply voltage 2
VSS
VSS Terminal
-4.0
V
Control voltage
VCTR
CTL1, CTL2, CTL3
Each Terminals
6.0
V
TX, ANT1, EXT1 Terminals
37
dBm
Input power
Pin
RX, ANT2, EXT2 Terminals
28
dBm
Power dissipation
PD
600
mW
Operating temp.
Topr
-40~85
°C
Storage temp.
Tstg
-55~125
°C
nELECTRICAL CHARACTERISTICS 1 [DC CHARACTERISTICS]
Common conditions: Ta=25°C, VDD=3.5V, VSS=-2.5V
TX, RX, ANT1, ANT2, EXT1, EXT2: terminated (50
Ω)
TER1, TER2: connected to GND by 5pF capacitors
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Positive supply voltage
VDD
VDD Terminal
2.7
3.5
5.0
V
Negative supply voltage
VSS
VSS Terminal
-3.5
-2.5
-2.0
V
Current consumption 1
IDD1
VDD Terminal No RF Signal
-
2.0
5.0
uA
Current consumption 2
ISS1
VSS Terminal No RF Signal
-0.1
-
0
uA
Current consumption 3
IDD2
f=0.1~2GHz, Pin=30dBm
Transmitting state
-
10
30
uA
Current consumption 4
ISS2
f=0.1~2GHz, Pin=30dBm
Transmitting state
-30
-10
-
uA
Control voltage (H)
VCTL (H)
CTL1, CTL2, CTL3 terminals
2.0
3.0
VDD
V
Control voltage (L)
VCTL (L)
CTL1, CTL2, CTL3 terminals
0
0
0.6
V
Control current
ICTL
CTL1, CTL2, CTL3=VDD
or CTL1, CTL2, CTL3=0V
-1.3
-
1.3
uA
Control terminal
Input Impedance
Rin
CTL1, CTL2, CTL3
each Terminal
4
-
-
M
Ω
* The voltage of this terminal should be supplied before or same time with other DC supplying
terminals. (CTL1~3, VSS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com