Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1515AVB2-R1 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJG1515AVB2-R1
Description  TDMA ANTENNA SWITCH GaAs MMIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1515AVB2-R1 Datasheet(HTML) 1 Page - New Japan Radio

  NJG1515AVB2-R1 Datasheet HTML 1Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 2Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 3Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 4Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 5Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 6Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 7Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 8Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
NJG1515AVB2
- 1 -
TDMA ANTENNA SWITCH GaAs MMIC
nGENERAL DESCRIPTION
nPACKAGE OUTLINE
NJG1515AVB2 is an antenna switch IC for a digital cellular
phone of 800MHz and 1.5GHz band.
The parallel control signals of three bits connect T/R circuits
to internal two antennas or external two antennas.
The termination ports with external matching circuits make
low interference between diversity antennas.
NJG1515AVB2 features very low insertion loss and low
current consumption in a very small SSOP20 package.
nFEATURES
lLow voltage operation
-2.5V (Tx only) and +3.5V
lLow current consumption
10uA typ. @Pin=30dBm (Transmit)
2uA typ. @Pin=10dBm (Receiving)
lLow insertion loss
0.5dB typ. @(TX-ANT1, TX-EXT1) f=940MHz, Pin=30dBm
0.6dB typ. @(TX-ANT1, TX-EXT1) f=1453MHz, Pin=30dBm
lLow Adjacent Channel
-63dBc typ. @VDD=+3.5V, VSS=-2.5V, f=940MHz, Pin=30dBm
Leakage Power
-64dBc typ. @VDD=+3.5V, VSS=-2.5V, f=1453MHz, Pin=30dBm
lPackage
SSOP20-B2 (Mount Size: 6.4x5.0x1.25mm)
nPIN CONFIGURATION
NJG1515AVB2
Pin Connection
1. CTL2
2. CTL3
3. VSS
4. EXT2
5. GND
6. EXT1
7. GND
8. TX
9. GND
10. TER2
11. ANT1
12. GND
13. RX
14. GND
15. ANT2
16. GND
17. TER1
18. GND
19. VDD
20. CTL1
VB2 Type
(Top View)
1
2
3
4
6
7
8
9
10
5
20
19
18
17
16
15
14
13
12
11
ANT-SW
DECORDER


Similar Part No. - NJG1515AVB2-R1

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJG1512HD3 NISSHINBO-NJG1512HD3 Datasheet
374Kb / 10P
SPDT SWITCH GaAs MMIC
Ver.2014-05-29
logo
New Japan Radio
NJG1512V NJRC-NJG1512V Datasheet
247Kb / 10P
SPDT SWITCH GaAs MMIC
NJG1516KC1 NJRC-NJG1516KC1 Datasheet
256Kb / 14P
SPDT SWITCH GaAs MMIC
NJG1516KC3 NJRC-NJG1516KC3 Datasheet
636Kb / 25P
SPDT SWITCH GaAs MMIC
NJG1516R NJRC-NJG1516R Datasheet
294Kb / 14P
SPDT SWITCH GaAs MMIC
More results

Similar Description - NJG1515AVB2-R1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1520PE1 NJRC-NJG1520PE1 Datasheet
408Kb / 17P
TDMA ANTENNA SWITCH GaAs MMIC
NJG1521PE1 NJRC-NJG1521PE1 Datasheet
407Kb / 17P
TDMA ANTENNA SWITCH GaAs MMIC
NJG1707PG1 NJRC-NJG1707PG1 Datasheet
532Kb / 17P
800MHz TDMA FRONT-END GaAs MMIC
NJG1544HC3 NJRC-NJG1544HC3 Datasheet
164Kb / 8P
2x2 Antenna SWITCH GaAs MMIC
NJG1542HB3 NJRC-NJG1542HB3 Datasheet
147Kb / 7P
SPDT SWITCH GaAs MMIC
NJG1658K34 NJRC-NJG1658K34 Datasheet
79Kb / 2P
DP7T ANTENNA SWITCH GaAs MMIC
NJG1670LG3 NJRC-NJG1670LG3 Datasheet
206Kb / 11P
SP10T ANTENNA SWITCH GaAs MMIC
NJG1672LK4 NJRC-NJG1672LK4 Datasheet
247Kb / 16P
SP9T ANTENNA SWITCH GaAs MMIC
NJG1673LG3 NJRC-NJG1673LG3 Datasheet
268Kb / 11P
SP9T ANTENNA SWITCH GaAs MMIC
NJG1686MHH NJRC-NJG1686MHH Datasheet
310Kb / 13P
SP10T ANTENNA SWITCH GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com