Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1515AVB2-R1 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJG1515AVB2-R1
Description  TDMA ANTENNA SWITCH GaAs MMIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1515AVB2-R1 Datasheet(HTML) 4 Page - New Japan Radio

  NJG1515AVB2-R1 Datasheet HTML 1Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 2Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 3Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 4Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 5Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 6Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 7Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 8Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NJG1515AVB2
- 4 -
nELECTRICAL CHARACTERISTICS 3 [800MHz Rx Mode]
Common Conditions:
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Frequency range 2
fin2
810
-
885
MHz
RX-ANT1 Insertion Loss
LOSS3
Pin=10dBm
-
0.65
0.80
dB
RX-ANT2 Insertion Loss
LOSS4
Pin=10dBm
-
0.60
0.75
dB
RX-EXT1 Insertion Loss
LOSS5
Pin=10dBm
-
0.70
0.85
dB
RX-EXT2 Insertion Loss
LOSS6
Pin=10dBm
-
0.65
.80
dB
RX-ANT1 Isolation
ISL6
Pin=10dBm, RX-ANT2,
RX-EXT1, RX-EXT2 passing
21
24
-
dB
RX-ANT2 Isolation
ISL7
Pin=10dBm, RX-ANT1,
RX-EXT1, RX-EXT2 passing
22
25
-
dB
RX-EXT1 Isolation
ISL8
Pin=10dBm, RX-ANT1,
RX-ANT2, RX-EXT2 passing
22
25
-
dB
RX-EXT2 Isolation
ISL9
Pin=10dBm, RX-ANT1,
RX-ANT2, RX-EXT1 passing
20
23
-
dB
Pin at 1dB
compression point 1
P-1(1)
RX-ANT1, RX-ANT2,
RX-EXT1, RX-EXT2 passing
20
26
-
dBm
VSWR 2
VSWR2
RX-ANT1, RX-ANT2,
RX-EXT1, RX-EXT2 passing
-
1.4
1.6
Switching time 2
TD2
CTL1~3
-
120
500
nsec
f=885MHz, Ta=25°C, VDD=3.5V, VSS=0V
Tested on PCB circuit as shown below
Insertion loss of each connectors, striplines, and capacitors are excluded.
TX, RX, ANT1, ANT2, EXT1 and EXT2 are terminated to 50
Ω.
TER1 and TER2 are connected to GND through 5pFcapacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com