Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1515AVB2-R1 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJG1515AVB2-R1
Description  TDMA ANTENNA SWITCH GaAs MMIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1515AVB2-R1 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJG1515AVB2-R1 Datasheet HTML 2Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 3Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 4Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 5Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 6Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 7Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 8Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 9Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NJG1515AVB2
- 6 -
nELECTRICAL CHARACTERISTICS 5 [1.5GHz Rx Mode]
Common Condition:
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Frequency range 4
fin4
1477
-
1501
MHz
RX-ANT1
Insertion Loss
LOSS9
Pin=10dBm
-
0.80
0.95
dB
RX-ANT2
Insertion Loss
LOSS10 Pin=10dBm
-
0.80
0.95
dB
RX-EXT1
Insertion Loss
LOSS11 Pin=10dBm
-
1.00
1.15
dB
RX-EXT2
Insertion Loss
LOSS12 Pin=10dBm
-
0.80
0.95
dB
RX-ANT1 Isolation
ISL15
RX-ANT2, RX-EXT1,
RX-EXT2 passing, Pin=10dBm
18
22
-
dB
RX-ANT2 Isolation
ISL16
RX-ANT1, RX-EXT1,
RX-EXT2 passing, Pin=10dBm
19
24
-
dB
RX-EXT1 Isolation
ISL17
RX-ANT1, RX-ANT2,
RX-EXT2 passing, Pin=10dBm
23
28
-
dB
RX-EXT2 Isolation
ISL18
RX-ANT1, RX-ANT2,
RX-EXT1passing, Pin=10dBm
17
22
-
dB
Pin at 1dB
compression point2
P-1(2)
RX-ANT1, RX-ANT2,
RX-EXT1, RX-EXT2 passing
20
26
-
dBm
VSWR4
VSWR4
RX-ANT1, RX-ANT2, RX-EXT1,
RX-EXT2 passing
-
1.4
1.6
Switching time 4
TD4
CTL1~3
-
120
500
nsec
f=1501MHz, Ta=25°C, VDD=3.5V, VSS=0V
Tested on PCB circuit as shown below
Insertion loss of each connectors, striplines, and capacitors are excluded.
TX, RX, ANT1, ANT2, EXT1 and EXT2 are terminated to 50
Ω.
TER1 and TER2 are connected to GND through 5pFcapacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com