Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1515AVB2-R1 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJG1515AVB2-R1
Description  TDMA ANTENNA SWITCH GaAs MMIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1515AVB2-R1 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJG1515AVB2-R1 Datasheet HTML 3Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 4Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 5Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 6Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 7Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 8Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 9Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 10Page - New Japan Radio NJG1515AVB2-R1 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NJG1515AVB2
- 7 -
nTERMINAL INFORMATION
PIN NO.
SYMBOL
DESCRIPTIONS
1
CTL2
High-impedance C-MOS input terminal. This terminal is set to High-Level by
2V~VDD, and Low-Level by +0.6V~0V. In case of open or unstable level,
connect this terminal by 100K
Ω resistor with GND terminal or V
DD terminal.
2
CTL3
High-impedance C-MOS input terminal. This terminal is set to High-Level by
2V~VDD, and Low-Level by +0.6V~0V. In case of open or unstable level,
connect this terminal by 100K
Ω resistor with GND terminal or V
DD terminal.
3
VSS
Negative voltage supply terminal. The negative voltage (-3.5~-2.0V) have to
be supplied on transmitting. Otherwise negative voltage of -2.5~0V can be
used or this terminal can be stayed open, because internal level of this
terminal is automatically set to GND level on receiving. The bypass capacitor
have to be connected with GND terminal for excellent RF performance.
4
EXT2
RF receiving port. An external capacitor of 56pF~100pF is required to block
DC voltage (VDD).
6
EXT1
RF transmitting/receiving port. An external capacitor of 56pF~100pF is
required to block DC voltage (VDD).
8
TX
RF transmitting port. An external capacitor of 56pF~100pF is required to
block DC voltage (VDD).
10
TER2
ANT1 termination port. The influence of ANT1 port to ANT2 port is
suppressed by terminating this port by an appropriate termination. An
external capacitor (5pF) is required to block DC voltage (VDD).
11
ANT1
RF transmitting/receiving port. An external capacitor of 56pF~100pF is
required to block DC voltage (VDD).
13
RX
RF receiving port. An external capacitor of 56pF~100pF is required to block
DC voltage (VDD).
15
ANT2
RF receiving port. An external capacitor of 56pF~100pF is required to block
DC voltage (VDD).
17
TER1
ANT2 termination port. The influence of ANT2 port to ANT1 port is
suppressed by terminating this port with appropriate termination. An external
capacitor (5pF) is required to block DC voltage (VDD).
19
VDD
Positive voltage supply terminal. The positive voltage (2.7~5.0V) have to be
supplied. The bypass capacitor have to be connected with GND terminal for
excellent RF performance.
20
CTL1
High-impedance C-MOS input terminal. This terminal is set to High-Level by
2V~VDD, and Low-Level by +0.6~0V. In case of open or unstable level,
connect this terminal by 100k
Ω resistor with GND terminal or V
DD terminal.
5,7,9,12,
14,16,18
GND
Ground terminal. Please connect this terminal with ground plane as close as
possible for excellent RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com