Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP4062DPBF... Datasheet(PDF) 4 Page - International Rectifier

Part # IRGP4062DPBF...
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4062DPBF... Datasheet(HTML) 4 Page - International Rectifier

  IRGP4062DPBF... Datasheet HTML 1Page - International Rectifier IRGP4062DPBF... Datasheet HTML 2Page - International Rectifier IRGP4062DPBF... Datasheet HTML 3Page - International Rectifier IRGP4062DPBF... Datasheet HTML 4Page - International Rectifier IRGP4062DPBF... Datasheet HTML 5Page - International Rectifier IRGP4062DPBF... Datasheet HTML 6Page - International Rectifier IRGP4062DPBF... Datasheet HTML 7Page - International Rectifier IRGP4062DPBF... Datasheet HTML 8Page - International Rectifier IRGP4062DPBF... Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.irf.com © 2013 International Rectifier
July 17, 2013
4
IRGB4062DPbF/IRGP4062DPbF/IRGP4062D-EPbF
Fig. 7
- Typ. IGBT Output Characteristics
TJ = 175°C; tp = 80μs
Fig. 8
- Typ. Diode Forward Characteristics
tp = 80μs
Fig. 10
- Typical VCE vs. VGE
TJ = 25°C
Fig. 11
- Typical VCE vs. VGE
TJ = 175°C
Fig. 12
- Typ. Transfer Characteristics
VCE = 50V; tp = 10μs
Fig. 9
- Typical VCE vs. VGE
TJ = -40°C
0
1
2
3
4
5
6
7
8
VCE (V)
0
10
20
30
40
50
60
70
80
90
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
0.0
1.0
2.0
3.0
VF (V)
0
20
40
60
80
100
120
-40°c
25°C
175°C
5
101520
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 12A
ICE = 24A
ICE = 48A
0
5
10
15
VGE (V)
0
20
40
60
80
100
120
TJ = 25°C
TJ = 175°C
5
101520
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 12A
ICE = 24A
ICE = 48A
5
101520
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 12A
ICE = 24A
ICE = 48A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com