Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP4062DPBF... Datasheet(PDF) 13 Page - International Rectifier

Part # IRGP4062DPBF...
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4062DPBF... Datasheet(HTML) 13 Page - International Rectifier

Back Button IRGP4062DPBF... Datasheet HTML 5Page - International Rectifier IRGP4062DPBF... Datasheet HTML 6Page - International Rectifier IRGP4062DPBF... Datasheet HTML 7Page - International Rectifier IRGP4062DPBF... Datasheet HTML 8Page - International Rectifier IRGP4062DPBF... Datasheet HTML 9Page - International Rectifier IRGP4062DPBF... Datasheet HTML 10Page - International Rectifier IRGP4062DPBF... Datasheet HTML 11Page - International Rectifier IRGP4062DPBF... Datasheet HTML 12Page - International Rectifier IRGP4062DPBF... Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
www.irf.com © 2013 International Rectifier
July 17, 2013
13
IRGB4062DPbF/IRGP4062DPbF/IRGP4062D-EPbF
TO-247AD package is not recommended for Surface Mount Application.
TO-247AD Part Marking Information
TO-247AD Package Outline
Dimensions are shown in millimeters (inches)
6TT@H7G`
`@6SÃÃ2Ã!
6TT@H7G@9ÃPIÃXXÃ"$Ã!
DIÃUC@Ã6TT@H7G`ÃGDI@ÃÅCÅ
@Y6HQG@) UCDTÃDTÃ6IÃDSBQ"7 !F9@
GPUÃ8P9@Ã$%$&
XDUCÃ6TT@H7G`Ã
Q6SUÃIVH7@S
96U@Ã8P9@
DIU@SI6UDPI6G
S@8UDAD@S
GPBP
Ã"$C
$%ÃÃÃÃÃÃÃÃÃÃÃ$&
X@@FÃ"$
GDI@ÃC
GPUÃ8P9@
I‚‡r)ÃÅQÅÃvÃh††r€iy’Ãyvr†v‡v‚
vqvph‡r†ÃÅGrhqA…rrÅ
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com