Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP4062DPBF... Datasheet(PDF) 10 Page - International Rectifier

Part # IRGP4062DPBF...
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4062DPBF... Datasheet(HTML) 10 Page - International Rectifier

Back Button IRGP4062DPBF... Datasheet HTML 5Page - International Rectifier IRGP4062DPBF... Datasheet HTML 6Page - International Rectifier IRGP4062DPBF... Datasheet HTML 7Page - International Rectifier IRGP4062DPBF... Datasheet HTML 8Page - International Rectifier IRGP4062DPBF... Datasheet HTML 9Page - International Rectifier IRGP4062DPBF... Datasheet HTML 10Page - International Rectifier IRGP4062DPBF... Datasheet HTML 11Page - International Rectifier IRGP4062DPBF... Datasheet HTML 12Page - International Rectifier IRGP4062DPBF... Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.irf.com © 2013 International Rectifier
July 17, 2013
10
IRGB4062DPbF/IRGP4062DPbF/IRGP4062D-EPbF
Fig. WF3
- Typ. Diode Recovery Waveform
@ TJ = 175°C using Fig. CT.4
Fig. WF1
- Typ. Turn-off Loss Waveform
@ TJ = 175°C using Fig. CT.4
Fig. WF2
- Typ. Turn-on Loss Waveform
@ TJ = 175°C using Fig. CT.4
Fig. WF4
- Typ. S.C. Waveform
@ TJ = 25°C using Fig. CT.3
-50
-40
-30
-20
-10
0
10
20
30
-0.15
-0.05
0.05
0.15
0.25
time (μS)
Peak
IRR
QRR
tRR
10%
Peak
I
RR
-100
0
100
200
300
400
500
600
-5.00
0.00
5.00
10.00
time (μS)
-50
0
50
100
150
200
250
300
VCE
ICE
-100
0
100
200
300
400
500
600
-0.40
0.10
0.60
Time(μs)
-5
0
5
10
15
20
25
30
EOFF Loss
5% V
CE
5% I
CE
90% I
CE
tf
V
CE
C
I
CE
-100
0
100
200
300
400
500
600
11.70
11.90
12.10
12.30
Time (μs)
-10
0
10
20
30
40
50
60
EON
I
CE
C
90% test
10% I
CE
5% V
CE
tr
V
CE
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com