Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP4062DPBF... Datasheet(PDF) 9 Page - International Rectifier

Part # IRGP4062DPBF...
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4062DPBF... Datasheet(HTML) 9 Page - International Rectifier

Back Button IRGP4062DPBF... Datasheet HTML 5Page - International Rectifier IRGP4062DPBF... Datasheet HTML 6Page - International Rectifier IRGP4062DPBF... Datasheet HTML 7Page - International Rectifier IRGP4062DPBF... Datasheet HTML 8Page - International Rectifier IRGP4062DPBF... Datasheet HTML 9Page - International Rectifier IRGP4062DPBF... Datasheet HTML 10Page - International Rectifier IRGP4062DPBF... Datasheet HTML 11Page - International Rectifier IRGP4062DPBF... Datasheet HTML 12Page - International Rectifier IRGP4062DPBF... Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.irf.com © 2013 International Rectifier
July 17, 2013
9
IRGB4062DPbF/IRGP4062DPbF/IRGP4062D-EPbF
1K
VC C
DUT
0
L
L
Rg
80 V
DUT
480V
L
Rg
VCC
diode clamp /
DU T
DU T /
DRIVER
- 5V
Rg
VCC
DUT
R =
VCC
ICM
Fig.C.T.1
- Gate Charge Circuit (turn-off)
Fig.C.T.2
- RBSOA Circuit
Fig.C.T.3
- S.C. SOA Circuit
Fig.C.T.4
- Switching Loss Circuit
Fig.C.T.5
- Resistive Load Circuit
Fig.C.T.6
- BVCES Filter Circuit
DC
4x
DUT
360V
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com