Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP4062DPBF... Datasheet(PDF) 1 Page - International Rectifier

Part # IRGP4062DPBF...
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4062DPBF... Datasheet(HTML) 1 Page - International Rectifier

  IRGP4062DPBF... Datasheet HTML 1Page - International Rectifier IRGP4062DPBF... Datasheet HTML 2Page - International Rectifier IRGP4062DPBF... Datasheet HTML 3Page - International Rectifier IRGP4062DPBF... Datasheet HTML 4Page - International Rectifier IRGP4062DPBF... Datasheet HTML 5Page - International Rectifier IRGP4062DPBF... Datasheet HTML 6Page - International Rectifier IRGP4062DPBF... Datasheet HTML 7Page - International Rectifier IRGP4062DPBF... Datasheet HTML 8Page - International Rectifier IRGP4062DPBF... Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE
E
G
n-channel
C
VCES = 600V
IC = 24A, TC = 100°C
tSC 5μs, TJ(max) = 175°C
VCE(on) typ. = 1.65V
Features
• Low VCE (ON) Trench IGBT Technology
• Low switching losses
• Maximum Junction temperature 175 °C
•5 μS short circuit SOA
• Square RBSOA
• 100% of the parts tested for ILM 
• Positive VCE (ON) Temperature co-efficient
• Ultra fast soft Recovery Co-Pak Diode
• Tight parameter distribution
• Lead Free Package
Benefits
• High Efficiency in a wide range of applications
• Suitable for a wide range of switching frequencies due to
Low VCE (ON) and Low Switching losses
• Rugged transient Performance for increased reliability
• Excellent Current sharing in parallel operation
• Low EMI
G
C
E
Gate
Collector
Emitter
TO-247AC
IRGP4062DPbF
TO-220AB
IRGB4062DPbF
G
C
E
C
G
C
E
C
TO-247AD
IRGP4062D-EPbF
C
G
C
E
www.irf.com © 2013 International Rectifier
July 17, 2013
1
IRGB4062DPbF
IRGP4062DPbF
IRGP4062D-EPbF
Absolute Maximum Ratings
Param eter
Max.
Units
V
CES
Collector-to-Emitter Voltage
600
V
I
C @ TC = 25°C
Continuous Collector Current
48
I
C @ TC = 100°C
Continuous Collector Current
24
I
CM
Pulse Collector Current, VGE = 15V
72
I
LM
Clamped Inductive Load Current, VGE = 20V
c
96
A
I
F @ TC = 25°C
Diode Continous Forward Current
48
I
F @ TC = 100°C
Diode Continous Forward Current
24
I
FM
Diode Maximum Forward Current
e
96
V
GE
Continuous Gate-to-Emitter Voltage
±20
V
Transient Gate-to-Emitter Voltage
±30
P
D @ TC = 25°C
Maximum Power Dissipation
250
W
P
D @ TC = 100°C
Maximum Power Dissipation
125
T
J
Operating Junction and
-55 to +175
T
ST G
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw
10 lbf·in (1.1 N·m)
Thermal Resistance
Param eter
Min.
Typ.
Max.
Units
R
JC (IGBT)
Thermal Resistance Junction-to-Case-(each IGBT) TO-220AB
–––
–––
0.60
R
JC ( Diode)
Thermal Resistance Junction-to-Case-(each Diode) TO-220AB
–––
–––
1.53
R
JC (IGBT)
Thermal Resistance Junction-to-Case-(each IGBT) TO-247
–––
–––
0.65
°C/W
R
JC ( Diode)
Thermal Resistance Junction-to-Case-(each Diode) TO-247
–––
–––
1.62
R
CS
Thermal Resistance, Case-to-Sink (flat, greased surface)
–––
0.50
–––
R
JA
Thermal Resistance, Junction-to-Ambient (typical socket mount)
–––
80
–––


Similar Part No. - IRGP4062DPBF...

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4062DPBF IRF-IRGP4062DPBF Datasheet
953Kb / 12P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGP4062DPBF...

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10SDPBF IRF-IRG4BC10SDPBF Datasheet
267Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4IBC20KDPBF IRF-IRG4IBC20KDPBF Datasheet
278Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH30KDPBF IRF-IRG4PH30KDPBF Datasheet
468Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB10B60KD1P IRF-IRGIB10B60KD1P Datasheet
452Kb / 13P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2PBF IRF-IRGR3B60KD2PBF Datasheet
317Kb / 14P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40UDPBF IRF-IRG4PC40UDPBF Datasheet
3Mb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PSH71UDPBF IRF-IRG4PSH71UDPBF Datasheet
239Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com