Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4187EEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4187EEE
Description  Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4187EEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4187EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Single/Dual/Quad, 270MHz, 1mA, SOT23,
Current-Feedback Amplifiers with Shutdown
_______________________________________________________________________________________
9
-6
-5
-4
-3
-2
-1
0
1
3
2
4
1
10
1000
MAX4187 SMALL-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (MHz)
100
VS = ±5V
VIN = 20mVp-p
AV = +1V/V
RF = 680Ω
RL = 100Ω
RF = 1.6kΩ
RL = 1kΩ
RF = 910Ω
RL = 150Ω
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, TA = +25°C, unless otherwise noted.)
4
3
2
1
-6
1
100
10
1000
MAX4181 SMALL-SIGNAL GAIN
vs. FREQUENCY (SINGLE SUPPLY)
-5
-4
-3
-1
-2
0
FREQUENCY (MHz)
RF = 1kΩ
RL = 150Ω
OR
RF = 560Ω
RL = 100Ω
VCC = +5V
VIN = 20mVp-p
AV = +1V/V
RF = 2.4kΩ
RL = 1kΩ
-6
-5
-4
-3
-2
-1
0
1
3
2
4
1
10
1000
MAX4182/MAX4183 SMALL-SIGNAL GAIN
vs. FREQUENCY (DUAL SUPPLIES)
FREQUENCY (MHz)
100
VS = ±5V
VIN = 20mVp-p
AV = +2V/V
RF = RG = 620Ω
RL = 100Ω
RF = RG = 680Ω
RL = 150Ω
RF = RG = 1kΩ
-6
-5
-4
-3
-2
-1
0
1
3
2
4
1
10
1000
MAX4184/MAX4185 SMALL-SIGNAL GAIN
vs. FREQUENCY (DUAL SUPPLIES)
FREQUENCY (MHz)
100
VS = ±5V
VIN = 20mVp-p
AV = +1V/V
RF = 750Ω
RL = 150Ω
RF = 1.5kΩ
RL = 1kΩ
RF = 620Ω
RL = 100Ω
-6
-5
-4
-3
-2
-1
1
0
2
1
10
1000
MAX4186 SMALL-SIGNAL GAIN
vs. FREQUENCY (DUAL SUPPLIES)
FREQUENCY (MHz)
100
VS = ±5V
VIN = 20mVp-p
AV = +2V/V
RF = RG = 680Ω
RL = 100Ω
RF = RG = 750Ω
RL = 150Ω
RF = RG = 1.1kΩ
RL = 1kΩ
4
3
2
1
-6
1
100
10
1000
MAX4180 LARGE-SIGNAL GAIN
vs. FREQUENCY (DUAL SUPPLIES)
-5
-4
-3
-1
-2
0
FREQUENCY (MHz)
RF = RG = 1.2kΩ
RL = 1kΩ
OR
RF = RG = 820Ω
RL = 150Ω
AV = +2V/V
VOUT = 2Vp-p
0.4
0.3
0.2
0.1
-0.6
1
100
10
1000
MAX4180 GAIN FLATNESS vs.
FREQUENCY (SINGLE & DUAL SUPPLIES)
-0.5
-0.4
-0.3
-0.1
-0.2
0
FREQUENCY (MHz)
VS = ±5V
RF= RG = 1.2kΩ
RL = 1kΩ
VS = ±5V
RF = RG = 820Ω
RL = 150Ω
VCC = +5V
RF = RG = 1.2kΩ
RL = 1kΩ
VCC = +5V
RF = RG = 820kΩ
RL = 150Ω
VIN = 20mVp-p
AV = +2V/V
0.4
0.3
0.2
0.1
-0.6
1
100
10
1000
MAX4181 GAIN FLATNESS vs.
FREQUENCY (SINGLE & DUAL SUPPLIES)
-0.5
-0.4
-0.3
-0.1
-0.2
0
FREQUENCY (MHz)
VS = ±5V
RF = 2.4kΩ
RL = 1kΩ
VCC = +5V
RF = 1kΩ
RL = 150Ω
VCC = +5V
RF = 2.4kΩ
RL = 1kΩ
VS = ±5V
RF = 1kΩ
RL = 150Ω
VIN = 20mVp-p
AV = +1V/V
4
3
2
1
-6
1
100
10
1000
MAX4180 LARGE-SIGNAL GAIN
vs. FREQUENCY (SINGLE SUPPLY)
-5
-4
-3
-1
-2
0
FREQUENCY (MHz)
VOUT = 1Vp-p
RF = RG = 680Ω
RL = 100Ω
RF = RG = 820Ω
RL = 150Ω
VOUT = 2Vp-p
OR
RF = RG = 1.2kΩ
RL = 1kΩ
VOUT = 2Vp-p
VCC = +5V
AV = +2V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com