Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4187EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4187EEE
Description  Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4187EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4187EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Single/Dual/Quad, 270MHz, 1mA, SOT23,
Current-Feedback Amplifiers with Shutdown
4
_______________________________________________________________________________________
DC ELECTRICAL CHARACTERISTICS—Single Supply (continued)
(VCC = +5V, VEE = 0V, VIN+ = 2.5V, SHDN ≥ 3V, RL to VCC/2; TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
AC ELECTRICAL CHARACTERISTICS—Dual Supplies (MAX4180/4182/4183/4186)
(VCC = +5V, VEE = -5V, VIN = 0V, SHDN ≥ 3V, AV = +2V/V; see Table 1 for RF and RG values; TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Power-Supply Rejection Ratio
PSRR
60
71
Output Current
IOUT
±18
±30
mA
Output Short-Circuit Current
ISC
±50
mA
Output Resistance
ROUT
0.2
Ω
dB
VCC = 4.5V to 5.5V
Shutdown Supply Current
per Amplifier
IS(OFF)
Disabled Output
Leakage Current
IOUT(OFF)
±0.1
±4.0
µA
135
180
µA
SHDN = 0V, RL = ∞ (Note 4)
Quiescent Supply Current
per Amplifier
SHDN Logic-Low Threshold
VIL
VCC -
3.0
V
CONDITIONS
IS
1.0
1.25
mA
RL = ∞
Operating Supply Voltage
VCC
4.5
5.5
V
SHDN Logic Input Bias Current
IIN
±
0.1
±
2.0
µA
0V
≤ SHDN ≤ VCC (Note 4)
RL = 30Ω
SHDN Logic-High Threshold
VIH
VCC -
2.0
V
SHDN
≤ VIL, 1.2V ≤ VOUT ≤ 3.8V
(Notes 2, 4)
(Notes 3, 4)
(Notes 3, 4)
MAX418_EUT
All other packages
1.0
1.2
Third Harmonic Distortion
-73
dBc
-57
RL = 150Ω
fC = 5MHz, VOUT = 2Vp-p
RL = 1kΩ
Second Harmonic Distortion
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Settling Time to 0.1%
tS
20
ns
Slew Rate (Note 5)
SR
340
450
V/µs
-83
dBc
-68
Bandwidth for 0.1dB Flatness
(Note 5)
BW0.1dB
30
70
MHz
Rise/Fall Time
tR, tF
5
ns
Spurious-Free Dynamic Range
SFDR
73
dBc
RL = 150Ω
fC = 5MHz, VOUT = 2Vp-p
RL = 1kΩ
57
190
Small-Signal -3dB Bandwidth
(Note 5)
BWSS
180
245
MHz
RL = 150Ω
<0.5dB peaking
70
Large-Signal -3dB Bandwidth
BWLS
150
MHz
CONDITIONS
VOUT = 2V step, RL = 1kΩ
VOUT = 2V step, RL = 1kΩ
RL = 150Ω
RL = 1kΩ
VOUT = 2V step, RL = 1kΩ
fC = 5MHz, VOUT = 2Vp-p
RL = 1kΩ
RL=150Ω
RL=1kΩ
VOUT = 2Vp-p, RL = 1kΩ
Rising edge
Falling edge
315
420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com