Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4187EEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4187EEE
Description  Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4187EEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4187EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
-120
-110
-100
-90
-80
-70
-60
-50
-30
-40
-20
110
MAX4182 CROSSTALK
vs. FREQUENCY
FREQUENCY (MHz)
100
300
VOUTB = 2Vp-p
VOUTA MEASURED
AV = +2V/V
RF = RG = 1kΩ
RL = 1kΩ
RF = RG = 680Ω
RL = 150Ω
-100
-90
-80
-70
-60
-50
-40
-30
-10
-20
0
110
MAX4187 CROSSTALK
vs. FREQUENCY
FREQUENCY (MHz)
100
300
VOUTA = 2Vp-p
VOUTD MEASURED
AV = +1V/V
RF = 910Ω
RL = 150Ω
RF = 1.6kΩ
RL = 1kΩ
-120
-110
-100
-90
-80
-70
-60
-50
-30
-40
-20
110
MAX4184 CROSSTALK
vs. FREQUENCY
FREQUENCY (MHz)
100
300
VOUTB = 2Vp-p
VOUTA MEASURED
AV = +1V/V
RF = 750Ω
RL = 150Ω
RF = 1.5kΩ
RL = 1kΩ
-100
-90
-80
-70
-60
-50
-40
-30
-10
-20
0
110
MAX4186 CROSSTALK
vs. FREQUENCY
FREQUENCY (MHz)
100
300
VOUTD = 2Vp-p
VOUTA MEASURED
AV = +2V/V
RF = RG = 1.1kΩ
RL = 1kΩ
RF = RG = 750Ω
RL = 150Ω
Single/Dual/Quad, 270MHz, 1mA, SOT23,
Current-Feedback Amplifiers with Shutdown
10
______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, TA = +25°C, unless otherwise noted.)
4
3
2
1
-6
1
100
10
1000
MAX4181 LARGE-SIGNAL GAIN
vs. FREQUENCY (DUAL SUPPLIES)
-5
-4
-3
-1
-2
0
FREQUENCY (MHz)
AV = +1V/V
VOUT = 2Vp-p
RF = 2.4kΩ
RL = 1kΩ
OR
VOUT = 2Vp-p
RF = 1kΩ
RL = 150Ω
VOUT = 1Vp-p
RF = 560Ω
RL = 100Ω
4
3
2
1
-6
1
100
10
1000
MAX4181 LARGE-SIGNAL GAIN
vs. FREQUENCY (SINGLE SUPPLY)
-5
-4
-3
-1
-2
0
FREQUENCY (MHz)
VCC = +5V
AV = +1V/V
VOUT = 1Vp-p
RF = 560Ω
RL = 100Ω
VOUT = 2Vp-p
RF = 1kΩ
RL = 150Ω
OR
VOUT = 2Vp-p
RF = 2.4kΩ
RL = 1kΩ
0
-10
-20
-30
-90
0.1
0.01
10
1
100
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
-80
-70
-50
-60
-40
FREQUENCY (MHz)
VCC (MAX4181)
VCC (MAX4180)
VEE (MAX4181)
VEE (MAX4181)
100
10
0.1
0.1
10
1
1000
100
OUTPUT IMPEDANCE vs. FREQUENCY
1
FREQUENCY (MHz)
4
3
2
1
-6
1
100
10
1000
MAX4180 SMALL-SIGNAL GAIN
vs. FREQUENCY
-5
-4
-3
-1
-2
0
FREQUENCY (MHz)
VS = ±5V
VIN = 20mVp-p
RL = 1kΩ
AV = +5V/V
RF = 910Ω
RG = 220Ω
AV = +10V/V
RF = 750Ω
RG = 82Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com