Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4187EEE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4187EEE
Description  Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4187EEE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4187EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Single/Dual/Quad, 270MHz, 1mA, SOT23,
Current-Feedback Amplifiers with Shutdown
______________________________________________________________________________________
11
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, TA = +25°C, unless otherwise noted.)
-30
-100
0.1
1
100
MAX4180 HARMONIC DISTORTION
vs. FREQUENCY (DUAL SUPPLIES)
-80
-90
-60
-70
-40
-50
FREQUENCY (MHz)
10
3RD (RL = 1kΩ)
2ND (RL = 1kΩ)
2ND (RL = 150Ω)
3RD (RL = 150Ω)
3.4
3.2
2.8
2.4
2.0
1.6
1.4
100
1M
1k
10k
100k
10M 100M
1G
VOLTAGE-NOISE DENSITY
vs. FREQUENCY (INPUT REFERRED)
1.8
FREQUENCY (Hz)
2.2
2.6
3.0
45
35
25
15
5
0
100
1M
1k
10k
100k
10M 100M
1G
TOTAL VOLTAGE-NOISE DENSITY
vs. FREQUENCY (INPUT REFERRED)
10
FREQUENCY (Hz)
20
30
40
1.2k
Ω
1.2k
Ω
VIN
VOUT
-30
0.1
1
100
MAX4181 HARMONIC DISTORTION
vs. FREQUENCY (DUAL SUPPLIES)
-80
-100
-90
-60
-70
-40
-50
FREQUENCY (MHz)
10
2ND (RL = 150Ω)
2ND (RL = 1kΩ)
3RD (RL = 150Ω)
3RD (RL = 1kΩ)
-30
0.1
1
100
MAX4180 HARMONIC DISTORTION
vs. FREQUENCY (SINGLE SUPPLY)
-80
-90
-60
-70
-40
-50
FREQUENCY (MHz)
10
2ND (RL = 150Ω)
2ND (RL = 1kΩ)
3RD (RL = 150Ω)
3RD (RL = 1kΩ)
-30
0.1
1
100
MAX4181 HARMONIC DISTORTION
vs. FREQUENCY (SINGLE SUPPLY)
-80
-90
-60
-70
-40
-50
FREQUENCY (MHz)
10
2ND (RL = 1kΩ)
3RD (RL = 150Ω)
3RD (RL = 1kΩ)
2ND (RL = 150Ω)
0.75
1.00
1.25
95
125
155
140
110
-60
-20
0
-40
20
40
60
80
100
SUPPLY CURRENT
(OPERATING & SHUTDOWN)
vs. TEMPERATURE
MA4180 TOC21
TEMPERATURE (°C)
SHUTDOWN SUPPLY CURRENT
SUPPLY CURRENT
20
25
35
30
40
45
10
20
25
15
30
35
40
45
50
TWO-TONE THIRD-ORDER INTERCEPT
vs. FREQUENCY
FREQUENCY (MHz)
MAX4181
MAX4180
f2 = f1 + 0.1MHz
-5
-3
5
3
1
-1
-60
-20
0
-40
20
40
60
80
100
OUTPUT VOLTAGE SWING
vs. TEMPERATURE
TEMPERATURE (°C)
RL = 150Ω
RL = 150Ω
RL = 1kΩ
RL = 1kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com