Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4187EEE Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4187EEE
Description  Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4187EEE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4187EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4187EEE Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Single/Dual/Quad, 270MHz, 1mA, SOT23,
Current-Feedback Amplifiers with Shutdown
12
______________________________________________________________________________________
3V
RL = 150Ω, RF = RG = 820Ω
GND
GND
2V
SHUTDOWN RESPONSE TIME
100ns/div
OUT
SHDN
AV = +2V/V
VIN+ = 1VDC
RL = 1kΩ, RF = RG = 1.2kΩ
+0.5V
IN
-0.5V
+1V
OUT
-1V
MAX4180
LARGE-SIGNAL PULSE RESPONSE
10ns/div
RL = 150Ω, RF = RG = 820Ω
+0.5V
+1V
MAX4180
LARGE-SIGNAL PULSE RESPONSE
10ns/div
IN
OUT
-1V
-0.5V
RL = 100Ω, RF = RG = 680Ω
+0.5V
+1V
MAX4180
LARGE-SIGNAL PULSE RESPONSE
10ns/div
IN
-0.5V
OUT
-1V
RL = 1kΩ, RF = RG = 1.2kΩ
+25mV
+50mV
MAX4180
SMALL-SIGNAL PULSE RESPONSE
10ns/div
IN
OUT
-50mV
-25mV
0
0.2
1.0
0.8
0.6
0.4
-60
-20
0
-40
20
40
60
80
100
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
IB-
IB+
0
1
4
3
2
-60
-20
0
-40
20
40
60
80
100
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
+50mV
RF = 1kΩ, RL = 150Ω
OUT
MAX4181
SMALL-SIGNAL PULSE RESPONSE
10ns/div
+50mV
-50mV
IN
-50mV
+10
RF = 1kΩ,VIN = VCC/2, RL = ∞
GND
GND
VOUT
VCC
+5V
POWER-ON TRANSIENT
100
µs/div
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com