Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT905 Datasheet(PDF) 27 Page - Future Technology Devices International Ltd.

Part # FT905
Description  The FT905 series contains FT905, FT906, FT907 and FT908 which is a complete System-On-Chip 32-bit RISC microcontroller for embedded applications featuring a high level of integration and low power consumption.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT905 Datasheet(HTML) 27 Page - Future Technology Devices International Ltd.

Back Button FT905 Datasheet HTML 23Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 24Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 25Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 26Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 27Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 28Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 29Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 30Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 31Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
Copyright © 2014 Future Technology Devices International Limited
27
FT905
_6_7_8/6/7/8 Embedded Microcontroller Datasheet
Version 1.0
Document No.: FT_001131 Clearance No.: FTDI#422
Supports suspend and resume power management functions.
Supports remote wakeup feature.
Supports Battery Charging specification revision 1.2.
4.9 Ethernet Controller
The Ethernet controller contains an on-chip 10/100BASE-TX Ethernet transceiver and Media
Access Control (MAC) designed to provide high performance of frame transmission and
reception. The Ethernet transceiver is compliant with 10/100BASE-TX Ethernet standards, such
as IEEE802.3/802.3u and ANSI X3.263-1995, and the MAC protocol refers to IEEE standard
802.3-2000.
4.9.1 Features:
10/100Mbps data transfer.
Conforms to IEEE 802.3-2002 specification.
Supports full-duplex and half-duplex modes.
-
Supports CSMA/CD protocol for half-duplex operation.
-
Supports IEEE802.3x flow control for full-duplex operation.
Programmable MAC address.
CRC-32 algorithm calculates the FCS a nibble at a time, with automatic FCS generation
and checking, able to capture frames with CRC errors if required.
Promiscuous mode support.
Station Management (STA) entity included.
Supports double buffering for 2kB TX and 2kB RX memory.
Two LED indicators used by Ethernet multi-function.
4.10 CAN Bus Controller
The FT905 series contains two controllers, CAN bus 0 and CAN bus 1. Controller Area Network
(CAN) is a high performance communication protocol for serial data communication. It is
widely used in automotive and industrial applications; however this is expanding due to its
reliability and feasibility. CAN bus uses a multi-master bus scheme with one logic bus line and
equal nodes. The number of nodes is not limited by the protocol. Nodes do not have specific
addresses. Instead, message identifiers are used, indicating the message content and priority
of the message. FT905 CAN bus supports multicasting and broadcasting with an external CAN
transceiver.
4.10.1 Features:
Conforms to protocol version 2.0 parts A and B.
Supports bit rates of up to 1 Mbit/s.
Supports standard (11-bit identifier) and extended (29-bit identifier) frames.
Support hardware message filtering with dual/single filters.
64 Bytes receiver and 16 Bytes transmitter FIFO.
No overload frames are generated.
Supports normal and listen-only modes.
Supports single shot transmission.
Supports an abort transmission feature.
Readable error counters and last error code capture supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com