Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT905 Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT905
Description  The FT905 series contains FT905, FT906, FT907 and FT908 which is a complete System-On-Chip 32-bit RISC microcontroller for embedded applications featuring a high level of integration and low power consumption.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT905 Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT905 Datasheet HTML 1Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 2Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 3Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Copyright © 2014 Future Technology Devices International Limited
1
FT905
_6_7_8/6/7/8 Embedded Microcontroller Datasheet
Version 1.0
Document No.: FT_001131 Clearance No.: FTDI#422
Future Technology Devices
International Ltd.
FT905/6/7/8
(Embedded Microcontroller)
The FT905 series contains FT905,
FT906, FT907 and FT908 which is a
complete System-On-Chip 32-bit RISC
microcontroller
for
embedded
applications featuring a high level of
integration
and
low
power
consumption. It has the following
features:
High performance, low power 32-bit FT32core
processor, running at a frequency of 100MHz.
256kB on-chip Flash memory.
256kB on-chip shadow program memory.
True Zero Wait States (0WS) up to 3.1 DMIPS
per MHz performance.
64kB on-chip data memory.
EFUSE for security configuration.
Integrated Phase-Locked Loop (PLL) supports
external 12MHz crystal and direct external
clock source input.
32.768 kHz real time clock support.
One USB2.0 EHCI compatible host controller
supports high-speed (480Mbit/s), full-speed
(12Mbit/s), and low-speed (1.5Mbit/s).
One USB2.0 peripheral controller supports
high-speed
(480Mbit/s)
and
full-speed
(12Mbit/s).
USB2.0 host and peripheral controllers support
the Isochronous, Interrupt, Control, and Bulk
transfers.
Support USB Battery Charging Specification
Rev 1.2. Downstream port can be configured as
SDP, CDP or DCP. Upstream port can perform
BCD mode detection.
10/100Mbps Ethernet that is compliant with the
IEEE 802.3/802.3u standards. (FT905 and
FT906 only).
Support One-Wire debugger download firmware
to Flash memory or shadow program memory,
and support software debugger.
Two CAN controllers support CAN protocol2.0
parts A&B, data rate is up to 1Mbit/s. (FT905
and FT907 only).
One SPI master supports single / dual / quad
modes of data transfer. Clock rate is up to 25
MHz.
One SPI slave supports single data transfer
with 25MHz clock.
One I2C bus interface can be configured as
master or slave, which support standard / fast
/ fast plus / high speed mode data transfers.
Max data transfer rate up to 3.4Mbit/s. Clock
stretching is supported.
UART interface can be configured as one full
programmable UART0 or two simple UART0 and
UART1 with CTS / RTS control function only.
Four user timers with per-scaling and a
watchdog function.
Support 7 independent PWM channels. Channel
0 and 1 can be configured as PCM 8-bit/16-bit
stereo audio output.
Support two 10-bit DAC 0/1 channels output,
sample rate at ~1 MS/s.
Support four 10-bit ADC 1/4 channels input,
sample rate is up to ~960 KS/s.
Single 3.3 volt power supply, built-in 1.2 V
regulators.
3.3 volt I/O power supply.
Support VBUS power switching and overcurrent
control.
Provides a Power-On Reset (POR) signal to
indicate stable power regulator.
-40°C to 85°C extended operating temperature
range.
Available in compact Pb-free -76-pin (QFN) and
80-pin (LQFP) packages (all RoHS compliant).


Similar Part No. - FT905

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT900 FTDI-FT900 Datasheet
1Mb / 58P
The FT900 series includes the FT900,FT901, FT902 and FT903 which are complete System-On-Chip 32-bit RISC microcontrollers for embedded applications featuring a high level of integration and low powerconsumption
logo
Bridgetek Pte Ltd.
FT900 BRIDGETEK-FT900 Datasheet
3Mb / 67P
Embedded Microcontroller
Version 1.0
logo
Hammond Manufacturing L...
FT900HA1220BK HAMMOND-FT900HA1220BK Datasheet
610Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
FT900HA1BK HAMMOND-FT900HA1BK Datasheet
633Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Bridgetek Pte Ltd.
FT900L-R BRIDGETEK-FT900L-R Datasheet
3Mb / 67P
Embedded Microcontroller
Version 1.0
More results

Similar Description - FT905

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C380D SAMSUNG-S3C380D Datasheet
148Kb / 24P
Samsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications.
S3C4530A SAMSUNG-S3C4530A Datasheet
1Mb / 432P
16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
logo
Freescale Semiconductor...
MPC5675K FREESCALE-MPC5675K Datasheet
805Kb / 140P
Microcontroller is a 32-bit embedded controller designed for advanced
logo
Future Technology Devic...
FT900 FTDI-FT900 Datasheet
1Mb / 58P
The FT900 series includes the FT900,FT901, FT902 and FT903 which are complete System-On-Chip 32-bit RISC microcontrollers for embedded applications featuring a high level of integration and low powerconsumption
logo
Texas Instruments
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
16- and 32-Bit RISC Flash Microcontroller
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
16- and 32-Bit RISC Flash Microcontroller
logo
Tyco Electronics
408-4348 MACOM-408-4348 Datasheet
246Kb / 5P
Attached to the outside of the frame is a locator assembly, which contains a locator, a spring retainer, and a contact support.
logo
Nuvoton Technology Corp...
N575C145 NUVOTON-N575C145 Datasheet
613Kb / 23P
The N575C145 is a system-on-chip product optimized for low power, audio record and playback with an embedded ARM짰 Cortex??M0 32-bit microcontroller core.
N575F145 NUVOTON-N575F145 Datasheet
695Kb / 21P
The N575F145 is a system-on-chip product optimized for low power, audio record and playback with an embedded ARM짰 Cortex??M0 32-bit microcontroller core.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com